Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4680
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4680 Datasheet HTML 25Page - Analog Devices AD4680 Datasheet HTML 26Page - Analog Devices AD4680 Datasheet HTML 27Page - Analog Devices AD4680 Datasheet HTML 28Page - Analog Devices AD4680 Datasheet HTML 29Page - Analog Devices AD4680 Datasheet HTML 30Page - Analog Devices AD4680 Datasheet HTML 31Page - Analog Devices AD4680 Datasheet HTML 32Page - Analog Devices AD4680 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
REGISTERS
analog.com
Rev. 0 | 30 of 33
Table 19. Bit Descriptions for CONFIGURATION1 Register (Continued)
Bits
Bit Name
Description
Reset
Access
0: normal mode.
1: shutdown mode.
CONFIGURATION2 REGISTER
Address: 0x2, Reset: 0x0000, Name: CONFIGURATION2
Table 20. Bit Descriptions for CONFIGURATION2 Register
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers section for further
details.
0x0
R/W
[11:10]
RESERVED
Reserved.
0x0
R
[9:8]
SDO
SDO. Conversion Results Serial Data Output.
0x0
R/W
00: 2-wire output. Conversion data are output on both SDOA and SDOB.
01: 1-wire output. Conversion data are output on SDOA only.
10: 4-wire output. Conversion data are output on SDOA, SDOB, SDOC, and SDOD/ALERT.
11: 1-wire output. Conversion data are output on SDOA only.
[7:0]
RESET
Reset.
0x0
R/W
0x3C: performs a soft reset. Refreshes some blocks. Register contents remain unchanged. Clears the ALERT
indication register and flushes any oversampling stored variables or active state machine.
0xFF: performs a hard reset. Resets all possible blocks in the AD7383-4/AD7384-4. Register contents are set to
defaults. All other values are ignored.
ALERT INDICATION REGISTER
Address: 0x3, Reset: 0x0000, Name: ALERT
Table 21. Bit Descriptions for ALERT Indication Register
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers section for further
details.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com