Electronic Components Datasheet Search
  English  ▼

X  

MAX22211 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX22211
Description  36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22211 Datasheet(HTML) 1 Page - Analog Devices

  MAX22211 Datasheet HTML 1Page - Analog Devices MAX22211 Datasheet HTML 2Page - Analog Devices MAX22211 Datasheet HTML 3Page - Analog Devices MAX22211 Datasheet HTML 4Page - Analog Devices MAX22211 Datasheet HTML 5Page - Analog Devices MAX22211 Datasheet HTML 6Page - Analog Devices MAX22211 Datasheet HTML 7Page - Analog Devices MAX22211 Datasheet HTML 8Page - Analog Devices MAX22211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX22211 is a dual 36V, 3.8AMAX H-bridge. It can
be used to drive two brushed DC motors or a single step-
per motor. The H-bridge FETs have very low impedance
resulting in high driving efficiency and low heat generation.
The typical total RON (high-side + low-side) is 0.25Ω.
Each H-bridge can be individually pulse-width modulation
(PWM)-controlled using three logic inputs (DIN1, DIN2,
EN).
The MAX22211 features an accurate current drive regula-
tion (CDR) which can be used to limit the start-up current
of a brushed DC motor or to control the phase current for
stepper operation. The bridge output current is sensed by
a non-dissipative integrated current sensing (ICS) and it
is then compared with user configurable threshold (ITRIP).
When the bridge current exceeds the ITRIP threshold, the
device enforces the decay for a fixed OFF-time (tOFF).
Four different Decay methods are supported (Slow Decay,
Fast Decay, and two Mixed Decay modes). The non-dissi-
pative ICS eliminates bulky external power resistors which
are normally required for this function resulting in a dra-
matic space and power saving compared with mainstream
applications using external sense resistors.
The internally measured current of the two full bridges are
mirrored on pins ISENA and ISENB. By connecting exter-
nal resistors to these pins to GND, voltages proportional
to the motor currents are generated. The voltage across
these external resistors can be used as inputs to analog-
to-digital converters (ADCs) of an external motor controller
if the motion control algorithm requires the load current or
torque information.
In addition, two open-drain output pins (CDRA, CDRB) are
asserted every time the internal current regulation takes
control of the driver. This allows the external controller to
monitor the activity of the internal current loop.
The maximum user configurable current regulation thresh-
old (ITRIP_MAX) can be set up to 3.8A and is limited by the
Overcurrent Protection (OCP). The ITRIP current thresh-
olds can be set independently for the two full bridges by
connecting external resistors from pins REFA and REFB
to GND. Because of thermal considerations, the recom-
mended maximum RMS current for standard four-layer
PCBs is 2ARMS per H-bridge.
The MAX22211 features OCP, thermal shutdown (TSD),
and undervoltage lockout (UVLO) protection. An open-
drain active low FAULT pin is activated every time a fault
condition is detected. During TSD and UVLO events, the
driver is three-stated until normal operations are restored.
The MAX22211 is available in a small TQFN32 5mm x
5mm package or a TSSOP28 4.4mm x 9.7mm package.
Applications
● Stepper-Motor Driver
● Brushed DC Motor Driver
● Solenoid Driver
● Latched Valves
Benefits and Features
● Two H-Bridges with +36V Maximum Operating
Voltage
• Total RON (High-Side + Low-Side): 250mΩ Typical
(TA = 25°C)
● Current Ratings per H-Bridge (Typical at TA = 25°C)
• ITRIP_MAX = 3.8A (Maximum Current Setting for
Internal Current Drive Regulation)
• IRMS = 2ARMS (Recommended Maximum RMS
Current per Full Bridge)
● Integrated Current Drive Regulation
• ICS Eliminates Bulky External Resistors and
Improves Efficiency
• Current Drive Regulation Monitor Output Pins
(CDRA, CDRB)
• Four Decay Modes Supported (Slow Decay, Fast
Decay, and two Mixed Decays)
• Half Full Scale (HFS) Pin to Improve Current
Control Accuracy in the Low Current Range
● Current Sense Output (Current Monitor)
● Fault Indicator Pin (FAULT)
● Low-Power Mode (Sleep Mode)
● Protections
• OCP for Each Individual Channel
• UVLO
• TSD TJ = 165°C
● TQFN32 5mm x 5mm Package and TSSOP28 4.4mm
x 9.7mm Package
Click here to ask an associate for production status of specific part numbers.
MAX22211
36V, 3.8A Two H-Bridge for Dual Brushed or
Single Stepper Motor Drive
Ordering Information appears at end of data sheet.
19-101537; Rev 0; 2/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A. | Tel: 781.329.4700 | © 2023 Analog Devices, Inc. All rights reserved.


Similar Part No. - MAX22211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22210ATJ+ AD-MAX22210ATJ+ Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22210AUI+ AD-MAX22210AUI+ Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22212 AD-MAX22212 Datasheet
557Kb / 23P
36V, 7.6A High Current Single H-Bridge with Integrated Current Sense
Rev 1; 1/24
MAX22212ATJ+T AD-MAX22212ATJ+T Datasheet
557Kb / 23P
36V, 7.6A High Current Single H-Bridge with Integrated Current Sense
Rev 1; 1/24
More results

Similar Description - MAX22211

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
1A H-Bridge Stepper Motor Driver
Rev. 4/29/99
logo
Texas Instruments
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
logo
List of Unclassifed Man...
PMODDHB1 ETC1-PMODDHB1 Datasheet
122Kb / 3P
The PmodDHB1 uses the Texas Instruments DRV8833 dual H-Bridge motor driver chip to drive two DC motors or one stepper motor.
logo
Texas Instruments
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
DRV8846 Dual H-Bridge Stepper Motor Driver
DRV8834 TI-DRV8834_15 Datasheet
1Mb / 43P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
logo
List of Unclassifed Man...
HY-DIV268N-5A ETC1-HY-DIV268N-5A Datasheet
884Kb / 5P
two phase hybrid stepper motor drive manual
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com