Electronic Components Datasheet Search
  English  ▼

X  

MAX22211 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX22211
Description  36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22211 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX22211 Datasheet HTML 9Page - Analog Devices MAX22211 Datasheet HTML 10Page - Analog Devices MAX22211 Datasheet HTML 11Page - Analog Devices MAX22211 Datasheet HTML 12Page - Analog Devices MAX22211 Datasheet HTML 13Page - Analog Devices MAX22211 Datasheet HTML 14Page - Analog Devices MAX22211 Datasheet HTML 15Page - Analog Devices MAX22211 Datasheet HTML 16Page - Analog Devices MAX22211 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
TYPE
TQFN
TSSOP
27, 28
26, 27
ISEN_
Current Sense Output Monitor.
Output
2, 3, 7, 8
5, 6, 10, 11
DIN_
CMOS PWM Input
Logic Input
1, 6
4, 9
EN_
Logic Input Pin. Enable Pin
Logic Input
15
18
VCP
Charge Pump Output. Connect a 1μF capacitor between VCP and
VM as close as possible to the device.
Output
14
17
CP1
Charge Pump Flying Capacitor Pin1. Connect a 22nF capacitor
between CP1 and CP2 as close as possible to the device.
Output
13
16
CP2
Charge Pump Flying Capacitor Pin2. Connect a 22nF capacitor
between CP1 and CP2 as close as possible to the device.
Output
12
15
SLEEP
Active Low Sleep Pin.
Logic Input
31, 32
2, 3
DECAY_
Logic Input. Set the Decay Mode.
Logic Input
9
12
HFS
Logic Input. Set Output Current Full scale.
Logic Input
16, 17, 24, 25
—
NC
No Connection. Not internally connected.
EP
EP
PGND
Power GND. Connect to Ground Plane. The thermal PAD (EP) is
also the electrical power GND pin and must be properly
connected to GND.
MAX22211
36V, 3.8A Two H-Bridge for Dual Brushed or
Single Stepper Motor Drive
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com