Electronic Components Datasheet Search
  English  ▼

X  

MAX22211 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX22211
Description  36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22211 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX22211 Datasheet HTML 14Page - Analog Devices MAX22211 Datasheet HTML 15Page - Analog Devices MAX22211 Datasheet HTML 16Page - Analog Devices MAX22211 Datasheet HTML 17Page - Analog Devices MAX22211 Datasheet HTML 18Page - Analog Devices MAX22211 Datasheet HTML 19Page - Analog Devices MAX22211 Datasheet HTML 20Page - Analog Devices MAX22211 Datasheet HTML 21Page - Analog Devices MAX22211 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
RISEN(Ω) = KISEN ×
VFS(V)
IMAX(A)
Equation - RISEN Setting
For example, if the ADC operates up to 1V FS and the maximum operating output current is 2A, then RISEN would be
7500 x 1V/2A = 3.75KΩ.
The RISEN value also sets the output impedance of the Current Sense Output circuit (ISEN output impedance). Normally,
the input impedance of the ADC is much higher than RISEN enabling a direct connection to the ISEN pin without
attenuation. In case a low input impedance ADC is used, a pre-amplifier (buffer) could be required.
The Current Sense Output circuit bandwidth and step response performances (see Specifications) ensure that the current
monitor tracks the driver current in PWM motor drive applications.
Current Drive Regulation
The MAX22211 features embedded CDR. The embedded CDR provides an accurate control of the current flowing into
the motor windings. The bridge current is sensed by non-dissipative ICS and it is then compared with the threshold
current (ITRIP). As soon as the bridge current exceeds the threshold, the device enforces slow decay for a fixed OFF-time
(tOFF). Once tOFF has elapsed, the driver is re-enabled for the next PWM cycle. During current regulation, the PWM duty
cycle and frequency depend on the supply voltage, motor inductance, and motor speed and load conditions.
Setting the Current Regulation Threshold – ITRIP
Connect resistors from REFA and REFB to GND to set the current regulation thresholds for Full Bridge A and Full Bridge
B, respectively (ITRIPA, ITRIPB) .
The following equation shows the typical ITRIP current as a function of the RREF_ shunt resistor connected to pin REF_.
ITRIP =
KIFS(kV)
RREF(KΩ)
× HFS( % )
The proportionality constant KIFS is typically 36kV when HFS is logic low and 18.4kV when HFS is logic high. The
external resistor RREF can range between 9.5kΩ and 72kΩ.
The HFS depends on the status of the Logic Input pin HFS. When HFS is set logic low, the scalar coefficient is 100%
and the power FETs RDS(ON) is set to a minimum 0.25Ω (high-side + low-side). When the HFS is set logic high, the
scalar coefficient is 50% and the power FETs have higher RDS(ON) of 0.375Ω (high-side + low-side). This setting is
recommended for applications in which the maximum current does not exceed 1.9A and high accuracy at low current is
desirable.
The Table 2 summarizes the HFS settings.
Table 2. HFS Truth Table
HFS
ITRIP
(%)
MAXIMUM
OUTPUT
CURRENT
TYPICAL
RDS(ON)
(HIGH-SIDE +
LOW-SIDE)
NOTES
0
100%
3.8A
0.25Ω
Optimized efficiency and extended operating range up to 3.8AMAX
1
50%
1.9A
0.375Ω
Reduced operating range up to 1.9AMAX. Improved current accuracy
control in the bottom end of the current range
Thermal constraints and limitations must be carefully considered when setting the ITRIP current threshold. These
constraints depend on the PCB layout, ground plane thickness, number of layers, air ventilation, heat sinks, number of
thermal vias, maximum ambient temperature, etc. A maximum of 2ARMS is recommended per H-bridge RMS current
when using a standard four-layer board with no forced air or heatsinks. With a proper thermal designed board, a higher
peak current can be delivered when the burst duration is significantly shorter than the PCB thermal time constant. For
example, using our evaluation board without forced air and with two H-bridges operating simultaneously the device was
able to deliver up to 3.8A per H-bridge for a 100ms long burst at room temperature.
MAX22211
36V, 3.8A Two H-Bridge for Dual Brushed or
Single Stepper Motor Drive
www.analog.com
Analog Devices | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com