Electronic Components Datasheet Search
  English  ▼

X  

MAX22211 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX22211
Description  36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22211 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX22211 Datasheet HTML 8Page - Analog Devices MAX22211 Datasheet HTML 9Page - Analog Devices MAX22211 Datasheet HTML 10Page - Analog Devices MAX22211 Datasheet HTML 11Page - Analog Devices MAX22211 Datasheet HTML 12Page - Analog Devices MAX22211 Datasheet HTML 13Page - Analog Devices MAX22211 Datasheet HTML 14Page - Analog Devices MAX22211 Datasheet HTML 15Page - Analog Devices MAX22211 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TSSOP Pin Configuration
++
TOP VIEW
MAX22211
TSSOP28
4.4x9.7mm
25
4
26
3
27
2
28
1
22
7
23
6
21
8
20
9
19
10
18
11
17
12
16
13
24
5
15
14
EP
Pin Description
PIN
NAME
FUNCTION
TYPE
TQFN
TSSOP
30
1
REFA
Programmable Current Analog Input. Connect a resistor from
REFA to GND to set the current regulation threshold for Full
Bridge A
Analog Input
29
28
REFB
Programmable Current Analog Input. Connect a resistor from
REFB to GND to set the current regulation threshold for Full
Bridge B
Analog Input
26
25
FAULT
Open-Drain Output. Active Low Fault Indicator.
Open Drain
Output
10, 11
13, 14
CDR_
Open-Drain Output. Current Drive Regulator Monitor Output.
Open Drain
Output
4
7
AGND
Analog Ground. Connect to Ground Plane.
GND
19, 22
20, 23
VM
Supply Voltage Input. Connect a VM rated 1μF (minimum) SMD
capacitor from VM to GND close to the device, and a 10μF
(minimum) electrolytic bypass capacitor from VM to GND. Higher
values can be considered depending on application requirements.
Supply
5
8
VDD
1.8V LDO Output. Connect a 2.2μF capacitor from the VDD pin to
GND close to the device.
Output
18, 20, 21, 23
19, 21, 22, 24
OUT_
Driver Output Pin.
Output
MAX22211
36V, 3.8A Two H-Bridge for Dual Brushed or
Single Stepper Motor Drive
www.analog.com
Analog Devices | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com