Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8620
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8620 Datasheet HTML 27Page - Analog Devices LT8620 Datasheet HTML 28Page - Analog Devices LT8620 Datasheet HTML 29Page - Analog Devices LT8620 Datasheet HTML 30Page - Analog Devices LT8620 Datasheet HTML 31Page - Analog Devices LT8620 Datasheet HTML 32Page - Analog Devices LT8620 Datasheet HTML 33Page - Analog Devices LT8620 Datasheet HTML 34Page - Analog Devices LT8620 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
32 of 35
Figure 58. 2MHz 1.8V, 3.5A Step-Down Converter
VIN2
VIN1
EN/UV
PG
LT8641A
BST
SYNC/MODE
SW
TR/SS
BIAS
INTVCC
FB
RT
GND
0.1µF
1µF
EXTERNAL
SOURCE >3.1V
OR GND
100µF
1210
X5R/X7R
10pF
1MΩ
VOUT
1.8V
3.5A
0.1µF
0603
0.1µF
0603
4.7µF
VIN
3V TO 22V
(65V TRANSIENT)
10nF
18.2kΩ
1µF
1µH
825kΩ
GND2
GND1
fSW = 2MHz
L: XGL5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com