Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8620
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8620 Datasheet HTML 13Page - Analog Devices LT8620 Datasheet HTML 14Page - Analog Devices LT8620 Datasheet HTML 15Page - Analog Devices LT8620 Datasheet HTML 16Page - Analog Devices LT8620 Datasheet HTML 17Page - Analog Devices LT8620 Datasheet HTML 18Page - Analog Devices LT8620 Datasheet HTML 19Page - Analog Devices LT8620 Datasheet HTML 20Page - Analog Devices LT8620 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
17 of 35
BLOCK DIAGRAM
THEORY OF OPERATION
The LT8641A is a monolithic, constant frequency, current mode step-down DC/DC converter. An oscillator, with
frequency set using a resistor on the RT pin, turns on the internal top power switch at the beginning of each clock
cycle. Current in the inductor then increases until the top switch current comparator trips and turns off the top power
switch. The peak inductor current at which the top switch turns off is controlled by the voltage on the internal VC
node. The error amplifier servos the VC node by comparing the voltage on the VFB pin with an internal 0.81V
reference. When the load current increases, it causes a reduction in the feedback voltage relative to the reference
leading the error amplifier to raise the VC voltage until the average inductor current matches the new load current.
When the top power switch turns off, the synchronous power switch turns on until the next clock cycle begins or
inductor current falls to zero. If overload conditions result in more than 5.8A flowing through the bottom switch, the
next clock cycle is delayed until switch current returns to a safe level.
If the EN/UV pin is low, the LT8641A is shut down and draws 0.75μA from the input. When the EN/UV pin is above
1.01V, the switching regulator becomes active.
To optimize efficiency at light loads, the LT8641A operates in Burst Mode operation in light load situations. Between
bursts, all circuitry associated with controlling the output switch is shut down, reducing the input supply current to
1.7μA. In a typical application, 2.5μA is consumed from the input supply when regulating with no load. The
SYNC/MODE pin is tied low to use Burst Mode operation and can be floated to use pulse-skipping mode. If a clock is
applied to the SYNC/MODE pin, the part synchronizes to an external clock frequency and operates in pulse-skipping
mode. While in pulse-skipping mode, the oscillator operates continuously, and positive SW transitions are aligned to
the clock. During light loads, switch pulses are skipped to regulate the output and the quiescent current becomes
+
+
–
SLOPE COMP
INTERNAL 0.8V REF
OSCILLATOR
200kHz TO 3MHz
BURST
DETECT
3.4V
REG
M1
M2
60kΩ
600kΩ
CBST
COUT
VOUT
SW
L
BST
8, 9, 21, 22
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
ERROR
AMP
SHDN
±8%
VC
INTVCC
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
1V
+
–
14
4
3
18
GND
INTVCC
2
BIAS
1
VIN2
13
GND1
6, 7
GND2
10, 11
PG
19
FB
R1
C1
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
20
TR/SS
1.9µA
16
RT
15
SYNC/MODE
17
VIN1
VIN
CIN1
CIN3
CVCC
CIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com