Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8620
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8620 Datasheet HTML 25Page - Analog Devices LT8620 Datasheet HTML 26Page - Analog Devices LT8620 Datasheet HTML 27Page - Analog Devices LT8620 Datasheet HTML 28Page - Analog Devices LT8620 Datasheet HTML 29Page - Analog Devices LT8620 Datasheet HTML 30Page - Analog Devices LT8620 Datasheet HTML 31Page - Analog Devices LT8620 Datasheet HTML 32Page - Analog Devices LT8620 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
29 of 35
Temperature rise of the LT8641A is worst when operating at high load, high VIN, and high switching frequency. If the
case temperature is too high for a given application, then either VIN, switching frequency, or load current can be
decreased to reduce the temperature to an acceptable level. Figure 50 shows examples of how case temperature rise
can be managed by reducing VIN, switching frequency, or load.
The LT8641A’s internal power switches are capable of safely delivering up to 5A of peak output current. However,
due to thermal limits, the package can only handle 5A loads for short periods of time. This time is determined by how
quickly the case temperature approaches the maximum junction rating. Figure 51 shows an example of how case
temperature rise changes with the duty cycle of a 1kHz pulsed 5A load.
The LT8641A’s top switch current limit decreases with higher duty cycle operation for slope compensation. This also
limits the peak output current the LT8641A can deliver for a given application. See the curve in Typical Performance
Characteristics.
Figure 51. Case Temperature Rise vs 5A Pulsed Load
VIN = 12V
VOUT = 5V
fSW = 2MHz
STANDBY LOAD = 0.5A
1kHz PULSE LOAD = 5A
DUTY CYCLE OF 5A LOAD
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com