Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8620
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8620 Datasheet HTML 12Page - Analog Devices LT8620 Datasheet HTML 13Page - Analog Devices LT8620 Datasheet HTML 14Page - Analog Devices LT8620 Datasheet HTML 15Page - Analog Devices LT8620 Datasheet HTML 16Page - Analog Devices LT8620 Datasheet HTML 17Page - Analog Devices LT8620 Datasheet HTML 18Page - Analog Devices LT8620 Datasheet HTML 19Page - Analog Devices LT8620 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
16 of 35
Figure 40. Transient Response; Load Current Stepped from
1A to 2A
Figure 41. Transient Response; Load Current Stepped from
300mA (Burst Mode Operation) to 1.3A
Figure 42. Start-Up Dropout Performance
Figure 43. Start-Up Dropout Performance
Figure 44. Conducted EMI Performance
Figure 45. Radiated EMI Performance (CISPR25 Radiated
Emission Test with Class 5 Peak Limits)
T
FRONT PAGE APPLICATION
1A TO 2A TRANSIENT
12VIN, 5VOUT
COUT = 47µF
50µs/DIV
ILOAD
1A/DIV
VOUT
100mA/DIV
T
FRONT PAGE APPLICATION
300mA (BURST MODE OPERATION) TO
1.3A TRANSIENT
12VIN, 5VOUT
COUT = 47µF
50µs/DIV
ILOAD
1A/DIV
VOUT
200mA/DIV
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
2.5Ω LOAD
(2A IN REGULATION)
T
VOUT
VIN
T
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
20Ω LOAD
(250mA IN REGULATION)
VOUT
VIN
EVAL-LT8641A-AZ DEMO BOARD
(WITH EMI FILTER INSTALLED)
14V INPUT TO 5V OUTPUT AT 3.5A,
fSW = 2MHz
CLASS 5 PEAK LIMIT
AMBIENT
SPREAD SPECTRUM MODE
FIXED FREQUENCY
FREQUENCY (MHz)
0.1
1
10
100 200
–10
0
10
20
30
40
50
60
70
80
EVAL-LT8641A-AZ DEMO BOARD
(WITH EMI FILTER INSTALLED)
14V INPUT TO 5V OUTPUT AT 3.5A,
fSW = 2MHz
CLASS 5 PEAK LIMIT
AMBIENT
SPREAD SPECTRUM MODE
FIXED FREQUENCY
FREQUENCY (MHz)
0.1
1
10
100
1k
–10
0
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com