Electronic Components Datasheet Search
  English  ▼

X  

ISL6402AIR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6402AIR
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIR Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6402AIR Datasheet HTML 1Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 2Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 3Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 4Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 5Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 6Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 7Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 8Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL6402A
FN9010 Rev 3.00
Page 4 of 18
Dec 1, 2004
Typical Application Schematic
+
SS2
+12V
PGOOD
VCC_5V
ISL6402A
+
C1
R5
C10
23
26
4
28
6
18
16
PHASE2
Q2B
19
14
SD2
R4
21
C8
ISEN2
GATE3
5
D2
25
17
C5
R6
9
27
OCSET1
VIN
SS1
LGATE2
LGATE1
+ C9
UGATE1
UGATE2
Q1B
BOOT1
R3
C7
BOOT2
D1
R2
SGND
SD1
OCSET2
7
10
R10
8
FB2
24
1
3
2
13
L2
FB1
15
ISEN1
SGND
11
PGND
20
C3
Q1A
VOUT1
R1
Q1A
SYNC
SGND
VOUT2
Q3
+
R12
R13
C12
VOUT3
SD1
R7
+2.5V
+3.3V
+3.3V
C2
C6
L1
C4
+1.2V
(See Note)
22
R11
C11
NOTE: Pin numbers correspond to the QFN pinout.
R8
FB3
12
VCC_5V
R9
VOUT2
PHASE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com