Electronic Components Datasheet Search
  English  ▼

X  

ISL6402AIR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6402AIR
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6402AIR Datasheet HTML 4Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 5Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 6Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 7Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 8Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 9Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 10Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 11Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL6402A
FN9010 Rev 3.00
Page 8 of 18
Dec 1, 2004
Typical Performance Curves
(Oscilloscope Plots Are Taken Using the ISL6402AEVAL4B Evaluation Board, VIN = 12V, Unless Otherwise Noted)
FIGURE 1. PWM1 LOAD REGULATION
FIGURE 2. PWM2 LOAD REGULATION
FIGURE 3. REFERENCE VOLTAGE VARIATION OVER
TEMPERATURE
FIGURE 4. SOFT-START WAVEFORMS WITH PGOOD
FIGURE 5. PWM1 WAVEFORMS
FIGURE 6. PWM2 WAVEFORMS
3.3
3.32
3.33
3.35
3.38
3.39
3.4
01
2.5
3.5
LOAD CURRENT (A)
4.5
0.5
1.5
2
3
4
3.37
3.36
3.34
3.31
3.3
3.32
3.33
3.35
3.38
3.39
3.4
01
2.5
3.5
LOAD CURRENT (A)
4.5
0.5
1.5
2
3
4
3.37
3.36
3.34
3.31
-40
-20
20
40
80
0.75
0.81
0.85
TEMPERATURE (°C)
0.78
0.83
0.8
0.77
0
60
0.84
0.82
0.79
0.76
PGOOD 5V/DIV
VOUT3 2V/DIV
VOUT2 2V/DIV
VOUT1 2V/DIV
VOUT1 20mV/DIV, AC COUPLED
IL1 0.5A/DIV, AC COUPLED
PHASE1 10V/DIV
VOUT2 20mV/DIV, AC COUPLED
IL2 0.5A/DIV, AC COUPLED
PHASE2 10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com