Electronic Components Datasheet Search
  English  ▼

X  

ISL6402AIR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6402AIR
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIR Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6402AIR Datasheet HTML 5Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 6Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 7Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 8Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 9Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 10Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 11Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 12Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6402A
FN9010 Rev 3.00
Page 9 of 18
Dec 1, 2004
FIGURE 7. LOAD TRANSIENT RESPONSE VOUT1 (3.3V)
FIGURE 8. LOAD TRANSIENT RESPONSE VOUT2 (3.3V)
FIGURE 9. PWM SOFT-START WAVEFORM
FIGURE 10. OVERCURRENT HICCUP MODE OPERATION
FIGURE 11. PWM1 EFFICIENCY vs LOAD, VIN=5V, VOUT=3.3V
FIGURE 12. PWM2 EFFICIENCY vs LOAD, VIN=5V, VOUT=3.3V
Typical Performance Curves (Continued)
(Oscilloscope Plots Are Taken Using the ISL6402AEVAL4B Evaluation Board, VIN = 12V, Unless Otherwise Noted)
VOUT1 200mV/DIV
IOUT1 1A/DIV
AC COUPLED
VOUT1 200mV/DIV
AC COUPLED
IOUT1 1A/DIV
VCC_5V 1V/DIV
VOUT1 1V/DIV
VOUT1 2V/DIV
IL1 2A/DIV
SS1 2V/DIV
70
80
100
01
2.5
3.5
LOAD CURRENT (A)
0.5
1.5
2
3
4
90
70
80
100
01
2.5
3.5
LOAD CURRENT (A)
0.5
1.5
2
3
4
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com