Electronic Components Datasheet Search
  English  ▼

X  

ISL6402AIR Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6402AIR
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIR Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6402AIR Datasheet HTML 1Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 2Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 3Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 4Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 5Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 6Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 7Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 8Page - Renesas Technology Corp ISL6402AIR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN9010 Rev 3.00
Page 1 of 18
Dec 1, 2004
FN9010
Rev 3.00
Dec 1, 2004
ISL6402A
1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
DATASHEET
The ISL6402A is a high-performance, triple-output controller
optimized for converting wall adapter, battery or network
intermediate bus DC input supplies into the system supply
voltages required for a wide variety of applications. Each
output is adjustable down to 0.8V. The two PWMs are
synchronized 180o out of phase reducing the RMS input
current and ripple voltage.
The ISL6402A incorporates several protection features. An
adjustable overcurrent protection circuit monitors the output
current by sensing the voltage drop across the lower
MOSFET. Hiccup mode overcurrent operation protects the
DC-DC components from damage during output
overload/short circuit conditions. Each PWM has an
independent logic-level shutdown input (SD1 and SD2).
A single PGOOD signal is issued when soft-start is complete
on both PWM controllers and their outputs are within 10% of
the set point and the linear regulator output is greater than
75% of its setpoint. Thermal shutdown circuitry turns off the
device if the junction temperature exceeds +150°C.
Features
• Wide Input Supply Voltage Range . . . . . . . . . 4.5V to 24V
• Three Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . .1.4MHz
• Out of Phase PWM Controller Operation
- Reduces Required Input Capacitance and Power
Supply Induced Loads
• No External Current Sense Resistor
- Uses Lower MOSFET’s rDS(ON)
• Bi-directional Frequency Synchronization for
Synchronizing Multiple ISL6402As
• Programmable Soft-Start
• Extensive circuit protection functions
- PGOOD
-UVLO
- Overcurrent
- Overtemperature
- Independent Shutdown for Both PWMs
• Excellent Dynamic Response
- Voltage Feed-Forward with Current Mode Control
• QFN Packages:
- QFN - Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)
Applications
• Power Supplies with Multiple Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic,
P Core
and I/O
• Telecom Systems
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6402AIR
-40 to 85
28 Ld QFN
L28.5x5
ISL6402AIR-T
28 Ld QFN Tape and Reel
L28.5x5
ISL6402AIR-TK
28 Ld QFN Tape and Reel
L28.5x5
ISL6402AIRZ
(See Note)
-40 to 85
28 Ld QFN
(Pb-free)
L28.5x5
ISL6402AIRZ-T
(See Note)
28 Ld QFN Tape and Reel
(Pb-free)
L28.5x5
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
NOT RECOMMENDED FOR NEW DESIGNS
REFER TO ISL6441


Similar Part No. - ISL6402AIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402AIR INTERSIL-ISL6402AIR Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIR-T INTERSIL-ISL6402AIR-T Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIR-TK INTERSIL-ISL6402AIR-TK Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIRZ INTERSIL-ISL6402AIRZ Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIRZ-T INTERSIL-ISL6402AIRZ-T Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
More results

Similar Description - ISL6402AIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
November 8, 2004
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
May 26, 2009
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com