Electronic Components Datasheet Search
  English  ▼

X  

NHUMB13 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # NHUMB13
Description  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB13 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  NHUMB13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
NHUMB10/13/9 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
8. Limiting values
Table 6. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
-80
V
VCEO
collector-emitter voltage
open base
-
-80
V
VEBO
emitter-base voltage
open collector
-
-7
V
input voltage
NHUMB10
-20
+7
V
NHUMB13
-30
+7
V
VI
NHUMB9
-40
+7
V
IO
output current
-
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
235
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
350
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit-Board (PCB); single-sided copper; tin-plated and standard footprint.
Tamb (°C)
-75
175
125
25
75
-25
aaa-031893
200
100
300
400
Ptot
(mW)
0
FR4 PCB, single-sided copper, standard footprint
Fig. 1. Per device: Power derating curve SOT363 (SC-88)
NHUMB10_13_9_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 23 July 2020
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com