Electronic Components Datasheet Search
  English  ▼

X  

NHUMB13 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # NHUMB13
Description  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB13 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  NHUMB13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Nexperia
NHUMB10/13/9 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Per transistor
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A
-80
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -2 mA; IB = 0 A
-80
-
-
V
ICBO
collector-base cut-off
current
VCB = -80 V; IE = 0 A
-
-
-100 nA
VCE = -60 V; IB = 0 A
-
-
-100 nA
ICEO
collector-emitter cut-off
current
VCE = -60 V; IB = 0 A; Tj = 150 °C
-
-
-5
µA
emitter-base cut-off current
NHUMB10
-
-
-270 µA
NHUMB13
-
-
-260 µA
IEBO
NHUMB9
VEB = -7 V; IC = 0 A
-
-
-230 µA
hFE
DC current gain
VCE = -5 V; IC = -10 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = -10 mA; IB = -0.5 mA
-
-
-100 mV
off-state input voltage
NHUMB10
-
-595 -500 mV
NHUMB13
-625 -500 mV
VI(off)
NHUMB9
VCE = -5 V ; IC = -100 µA
-690 -500 mV
on-state input voltage
NHUMB10
-1.2
-0.81 -
V
NHUMB13
-1.4
-0.95 -
V
VI(on)
NHUMB9
VCE = -0.3 V ; IC = -10 mA
-1.6
-1.22 -
V
bias resistor 1 (input)
[1]
NHUMB10
1.54
2.2
2.86
kΩ
NHUMB13
3.3
4.7
6.1
kΩ
R1
NHUMB9
7
10
13
kΩ
bias resistor ratio
[1]
NHUMB10
17
21
26
NHUMB13
8
10
12
R2/R1
NHUMB9
3.7
4.7
5.7
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz
[2] -
150
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = ie = 0 A; f = 1 MHz
-
-
3
pF
[1] See section "Test information" for resistor calculation and test conditions
[2] Characteristics of built-in transistor
NHUMB10_13_9_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 23 July 2020
5 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com