Electronic Components Datasheet Search
  English  ▼

X  

NHUMB13 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # NHUMB13
Description  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB13 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  NHUMB13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NHUMB10/13/9 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 — 23 July 2020
Product data sheet
1. General description
PNP/PNP Resistor-Equipped double Transistor (RET) family in a very small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package.
Table 1. Product overview
R1
R2
Package
Type number
kΩ
kΩ
Nexperia
JEITA
NPN/NPN
complement:
NPN/PNP
complement:
NHUMB10
2.2
47
NHUMH10
NHUMD10
NHUMB13
4.7
47
NHUMH13
NHUMD13
NHUMB9
10
47
SOT363
SC-88
NHUMH9
NHUMD9
2. Features and benefits
• 100 mA output current capability
• High breakdown voltage
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Digital applications
• Cost saving alternative for BC856 series in digital applications
• Controlling IC inputs
• Switching loads
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
-80
V
IO
output current
-
-
-100
mA


Similar Part No. - NHUMB13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NHUMB13 NEXPERIA-NHUMB13 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB13 NEXPERIA-NHUMB13 Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMB13 NEXPERIA-NHUMB13 Datasheet
299Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMB13-Q NEXPERIA-NHUMB13-Q Datasheet
306Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 9 October 2024
NHUMB13-Q NEXPERIA-NHUMB13-Q Datasheet
309Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 17 September 2024
More results

Similar Description - NHUMB13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NHDTA114EU NEXPERIA-NHDTA114EU Datasheet
295Kb / 16P
80 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 22 July 2020
NHDTA123JT NEXPERIA-NHDTA123JT Datasheet
301Kb / 16P
80 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 26 June 2020
NHUMB10 NEXPERIA-NHUMB10 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB11 NEXPERIA-NHUMB11 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMD10 NEXPERIA-NHUMD10 Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD3 NEXPERIA-NHUMD3 Datasheet
373Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHDTA114_SER NEXPERIA-NHDTA114_SER Datasheet
295Kb / 16P
80 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 22 July 2020
NHUMB11_SER NEXPERIA-NHUMB11_SER Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMD10_SER NEXPERIA-NHUMD10_SER Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD3_SER NEXPERIA-NHUMD3_SER Datasheet
373Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com