Electronic Components Datasheet Search
  English  ▼

X  

NHUMB13 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # NHUMB13
Description  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB13 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button NHUMB13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 10Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 11Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 12Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Nexperia
NHUMB10/13/9 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
IC (mA)
-10-1
-102
-10
-1
aaa-031752
102
10
103
hFE
1
(1)
(3)
(2)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 15. NHUMB9: DC current gain as a function of
collector current; typical values
VCE (V)
0
-5
-4
-2
-3
-1
aaa-031753
-0.04
-0.06
-0.02
-0.08
-0.10
IC
(A)
0
-0.065 mA
-0.195 mA
-0.130 mA
-0.260 mA
-0.325 mA
-0.390 mA
-0.455 mA
-0.520 mA
IB = -0.650 mA
-0.585 mA
Tamb = 25 °C
Fig. 16. NHUMB9: Collector current as a function of
collector-emitter voltage; typical values
IC (mA)
-10-1
-102
-10
-1
aaa-031754
-10
-1
-102
VI(on)
(V)
-10-1
(1)
(3)
(2)
VCE = -0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 17. NHUMB9: On-state input voltage as a function
of collector current; typical values
aaa-031755
IC (mA)
-10-1
-102
-10
-1
-1
-10
VI(off)
(V)
-10-1
(1)
(3)
(2)
VCE = -5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 18. NHUMB9: Off-state input voltage as a function
of collector current; typical values
NHUMB10_13_9_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 23 July 2020
9 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com