Electronic Components Datasheet Search
  English  ▼

X  

AD8397 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8397
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397 Datasheet(HTML) 5 Page - Analog Devices

  AD8397 Datasheet HTML 1Page - Analog Devices AD8397 Datasheet HTML 2Page - Analog Devices AD8397 Datasheet HTML 3Page - Analog Devices AD8397 Datasheet HTML 4Page - Analog Devices AD8397 Datasheet HTML 5Page - Analog Devices AD8397 Datasheet HTML 6Page - Analog Devices AD8397 Datasheet HTML 7Page - Analog Devices AD8397 Datasheet HTML 8Page - Analog Devices AD8397 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8397
Rev. 0 | Page 5 of 16
VS = ±5 V or +10 V (@ TA = 25°C, G = +1, RL = 25 Ω, unless otherwise noted).
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 0.1 V p-p
66
MHz
0.1 dB Flatness
VOUT = 0.1 V p-p
6.5
MHz
Large Signal Bandwidth
VOUT = 2.0 V p-p
14
MHz
Slew Rate
VOUT = 4.0 V p-p
53
V/µs
NOISE/DISTORTION PERFORMANCE
Distortion (Worst Harmonic)
fC = 100 kHz, VOUT = 6 V p-p, G = +2
−94
dBc
Input Voltage Noise
f = 100 kHz
4.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.5
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
1.0
2.5
mV
TMIN − TMAX
2.5
mV
Input Offset Voltage Match
1.0
2.0
mV
Input Bias Current
200
900
nA
TMIN − TMAX
1.3
µA
Input Offset Current
50
300
nA
Open-Loop Gain
VOUT = ±2.0 V
85
94
dB
INPUT CHARACTERISTICS
Input Resistance
f = 100 kHz
87
kΩ
Input Capacitance
1.4
pF
Common-Mode Rejection
∆VCM = ±1 V
−84
−94
dB
OUTPUT CHARACTERISTICS
Output Resistance
0.2
Ω
+Swing
RLOAD = 25 Ω
+4.7
+4.82
VP
−Swing
RLOAD = 25 Ω
−4.74
−4.65
VP
+Swing
RLOAD = 100 Ω
+4.92
+4.96
VP
−Swing
RLOAD = 100 Ω
−4.92
−4.88
VP
Maximum Output Current
SFDR ≤ −80 dBc, f = 100 kHz, VOUT = 3 VP, RLOAD = 12 Ω
250
mA
POWER SUPPLY
Operating Range (Dual Supply)
±1.5
±12.6
V
Supply Current
7
9
12
mA/Amp
Power Supply Rejection
∆VS = ±0.5 V
−76
−85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com