Electronic Components Datasheet Search
  English  ▼

X  

AD8397 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8397
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8397 Datasheet HTML 8Page - Analog Devices AD8397 Datasheet HTML 9Page - Analog Devices AD8397 Datasheet HTML 10Page - Analog Devices AD8397 Datasheet HTML 11Page - Analog Devices AD8397 Datasheet HTML 12Page - Analog Devices AD8397 Datasheet HTML 13Page - Analog Devices AD8397 Datasheet HTML 14Page - Analog Devices AD8397 Datasheet HTML 15Page - Analog Devices AD8397 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8397
Rev. 0 | Page 12 of 16
CAPACITIVE LOAD DRIVE
When driving capacitive loads, many high speed operational
amplifiers exhibit peaking in their frequency response. In a
gain-of-two circuit, Figure 23 shows that the AD8397 can drive
capacitive loads up to 270 pF with only 3 dB of peaking. For
amplifiers with more limited capacitive load drive, a small series
resistor (RS) is generally used between the amplifier output and
the capacitive load in order to minimize peaking and ensure
device stability. Figure 24 shows that the use of a 2.2 Ω series
resistor can further extend the capacitive load drive of the
AD8397 out to 470 pF, while keeping the frequency response
peaking to within 3 dB.
5
0
–5
–10
–15
–20
–25
–30
–35
–40
0.01
0.1
1
10
100
FREQUENCY (MHz)
470pF
390pF
330pF
270pF
5
0
–5
–10
–15
–20
–25
–30
–35
–40
0.01
0.1
1
10
100
FREQUENCY (MHz)
220pF
100pF
270pF
150pF
Figure 24. Capacitive Load Peaking with 2.2 Ω Series Resistor
Figure 23. Capacitive Load Peaking Without Series Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com