Electronic Components Datasheet Search
  English  ▼

X  

AD8397 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8397
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397 Datasheet(HTML) 1 Page - Analog Devices

  AD8397 Datasheet HTML 1Page - Analog Devices AD8397 Datasheet HTML 2Page - Analog Devices AD8397 Datasheet HTML 3Page - Analog Devices AD8397 Datasheet HTML 4Page - Analog Devices AD8397 Datasheet HTML 5Page - Analog Devices AD8397 Datasheet HTML 6Page - Analog Devices AD8397 Datasheet HTML 7Page - Analog Devices AD8397 Datasheet HTML 8Page - Analog Devices AD8397 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, High Output Current Amplifier
AD8397
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Dual operational amplifier
Voltage feedback
Wide supply range: from 3 V to 24 V
Rail-to-rail output
Output swing to within 0.5 V of supply rails
High linear output current
310 mA peak into 32 Ω on ±12 V supplies while maintaining
−80 dBc SFDR
Low noise
4.5 nV/√Hz voltage noise density @ 100 kHz
1.5 pA/√Hz current noise density @ 100 kHz
High speed
69 MHz bandwidth (G = 1, −3 dB)
53 V/µs slew rate (RLOAD = 25 Ω)
APPLICATIONS
Twisted-pair line drivers
Audio applications
General-purpose high current amplifiers
GENERAL DESCRIPTION
The AD8397 has two voltage feedback operational amplifiers
capable of driving heavy loads with excellent linearity. The
common-emitter, rail-to-rail output stage surpasses the output
voltage capability of typical emitter-follower output stages and
can swing to within 0.5 V of either rail while driving a 25 Ω
load. The low distortion, high output current, and wide output
dynamic range make the AD8397 ideal for applications that
require a large signal swing into a heavy load.
Fabricated with ADI’s high speed eXtra Fast Complementary
Bipolar High Voltage (XFCB-HV) process, the high bandwidth
and fast slew rate of the AD8397 keep distortion to a minimum
while also dissipating minimum power. The AD8397 is available
in a standard 8-lead SOIC package and, for higher power appli-
cations, a thermally enhanced 8-lead SOIC EPAD package. Both
packages can operate from −40°C to +85°C.
PIN CONFIGURATION
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
OUT2
–IN2
+IN2
8
7
6
5
Figure 1. 8-Lead SOIC
1.50
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
0
2
4
6
8
10
12
14
16
18
20
TIME (
µs)
Figure 2. Output Swing, VS = ±1.5 V, RL = 25 Ω
12
–12
–9
–6
–3
0
3
6
9
0
2
4
6
8
10
12
14
16
18
20
TIME (
µs)
Figure 3. Output Swing, VS = ±12 V, RL = 100 Ω


Similar Part No. - AD8397

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ AD-AD8397ARDZ Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ-REEL AD-AD8397ARDZ-REEL Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ-REEL7 AD-AD8397ARDZ-REEL7 Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARZ AD-AD8397ARZ Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
More results

Similar Description - AD8397

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
Rail-to-Rail, High Output Current Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com