Electronic Components Datasheet Search
  English  ▼

X  

HP3 Datasheet(PDF) 3 Page - AIC tech Inc.

Part # HP3
Description  Useful of 4,000 hours at 85ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HP3 Datasheet(HTML) 3 Page - AIC tech Inc.

  HP3 Datasheet HTML 1Page - AIC tech Inc. HP3 Datasheet HTML 2Page - AIC tech Inc. HP3 Datasheet HTML 3Page - AIC tech Inc. HP3 Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
180
330
22
×25
0.15
1.38
375
HP32P331MCXS2WPEC
390
22
×30
0.15
1.60
320
HP32P391MCXS3WPEC
25
×25
0.15
1.58
320
HP32P391MCYS2WPEC
470
22
×30
0.15
1.76
265
HP32P471MCXS3WPEC
25
×25
0.15
1.74
265
HP32P471MCYS2WPEC
560
22
×35
0.15
2.03
225
HP32P561MCXS4WPEC
25
×30
0.15
2.03
225
HP32P561MCYS3WPEC
30
×25
0.15
2.03
225
HP32P561MCZS2WPEC
680
22
×40
0.15
2.36
185
HP32P681MCXS5WPEC
25
×35
0.15
2.35
185
HP32P681MCYS4WPEC
30
×25
0.15
2.24
185
HP32P681MCZS2WPEC
820
22
×45
0.15
2.72
155
HP32P821MCXS6WPEC
25
×35
0.15
2.59
155
HP32P821MCYS4WPEC
30
×30
0.15
2.61
155
HP32P821MCZS3WPEC
35
×25
0.15
2.61
155
HP32P821MCAS2WPEC
1,000
25
×45
0.15
3.14
125
HP32P102MCYS6WPEC
30
×35
0.15
3.04
125
HP32P102MCZS4WPEC
35
×25
0.15
2.88
125
HP32P102MCAS2WPEC
1,200
25
×50
0.15
3.59
105
HP32P122MCYS7WPEC
30
×40
0.15
3.49
105
HP32P122MCZS5WPEC
35
×30
0.15
3.34
105
HP32P122MCAS3WPEC
1,500
30
×45
0.15
4.08
85
HP32P152MCZS6WPEC
35
×35
0.15
3.96
85
HP32P152MCAS4WPEC
1,800
35
×40
0.15
4.50
70
HP32P182MCAS5WPEC
200
330
22
×25
0.15
1.53
325
HP32D331MCXS2WPEC
390
22
×30
0.15
1.92
275
HP32D391MCXS3WPEC
470
22
×30
0.15
1.94
230
HP32D471MCXS3WPEC
25
×25
0.15
1.92
230
HP32D471MCYS2WPEC
560
22
×35
0.15
2.25
190
HP32D561MCXS4WPEC
25
×30
0.15
2.23
190
HP32D561MCYS3WPEC
680
22
×40
0.15
2.61
160
HP32D681MCXS5WPEC
25
×35
0.15
2.86
160
HP32D681MCYS4WPEC
30
×25
0.15
2.45
160
HP32D681MCZS2WPEC
820
25
×40
0.15
3.26
130
HP32D821MCYS5WPEC
30
×30
0.15
3.13
130
HP32D821MCZS3WPEC
35
×25
0.15
3.13
130
HP32D821MCAS2WPEC
1,000
25
×45
0.15
3.46
110
HP32D102MCYS6WPEC
30
×35
0.15
3.64
110
HP32D102MCZS4WPEC
35
×30
0.15
3.66
110
HP32D102MCAS3WPEC
1,200
30
×40
0.15
4.19
90
HP32D122MCZS5WPEC
35
×30
0.15
3.67
90
HP32D122MCAS3WPEC
1,500
35
×35
0.15
4.31
75
HP32D152MCAS4WPEC
1,800
35
×45
0.15
5.15
70
HP32D182MCAS6WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
250
270
22
×25
0.15
1.38
395
HP32E271MCXS2WPEC
330
22
×30
0.15
1.63
325
HP32E331MCXS3WPEC
25
×25
0.15
1.60
325
HP32E331MCYS2WPEC
390
22
×35
0.15
2.04
275
HP32E391MCXS4WPEC
25
×30
0.15
2.04
275
HP32E391MCYS3WPEC
470
22
×40
0.15
2.35
230
HP32E471MCXS5WPEC
25
×30
0.15
2.04
230
HP32E471MCYS3WPEC
30
×25
0.15
2.24
230
HP32E471MCZS2WPEC
560
22
×45
0.15
2.48
190
HP32E561MCXS6WPEC
25
×35
0.15
2.35
190
HP32E561MCYS4WPEC
30
×30
0.15
2.59
190
HP32E561MCZS3WPEC
680
25
×40
0.15
2.73
160
HP32E681MCYS5WPEC
30
×30
0.15
2.60
160
HP32E681MCZS3WPEC
35
×25
0.15
2.61
160
HP32E681MCAS2WPEC
820
25
×45
0.15
3.13
130
HP32E821MCYS6WPEC
30
×35
0.15
3.01
130
HP32E821MCZS4WPEC
35
×30
0.15
3.31
130
HP32E821MCAS3WPEC
1,000
30
×40
0.15
3.49
110
HP32E102MCZS5WPEC
35
×35
0.15
3.88
110
HP32E102MCAS4WPEC
1,200
30
×45
0.15
3.99
90
HP32E122MCZS6WPEC
35
×40
0.15
4.40
90
HP32E122MCAS5WPEC
1,500
35
×45
0.15
4.70
75
HP32E152MCAS6WPEC
350
120
22
×25
0.15
0.84
885
HP32V121MCXS2WPEC
150
22
×30
0.15
0.99
710
HP32V151MCXS3WPEC
180
22
×30
0.15
1.09
590
HP32V181MCXS3WPEC
25
×25
0.15
1.08
590
HP32V181MCYS2WPEC
220
22
×35
0.15
1.28
485
HP32V221MCXS4WPEC
25
×30
0.15
1.27
485
HP32V221MCYS3WPEC
270
22
×45
0.15
1.57
395
HP32V271MCXS6WPEC
25
×35
0.15
1.49
395
HP32V271MCYS4WPEC
30
×25
0.15
1.41
395
HP32V271MCZS2WPEC
330
25
×40
0.15
1.79
325
HP32V331MCYS5WPEC
30
×30
0.15
1.65
325
HP32V331MCZS3WPEC
35
×25
0.15
1.65
325
HP32V331MCAS2WPEC
390
25
×45
0.15
1.96
275
HP32V391MCYS6WPEC
30
×35
0.15
1.89
275
HP32V391MCZS4WPEC
35
×30
0.15
1.90
275
HP32V391MCAS3WPEC
470
30
×35
0.15
2.07
230
HP32V471MCZS4WPEC
35
×30
0.15
2.09
230
HP32V471MCAS3WPEC
560
30
×45
0.15
2.48
190
HP32V561MCZS6WPEC
35
×35
0.15
2.39
190
HP32V561MCAS4WPEC
680
35
×40
0.15
2.76
165
HP32V681MCAS5WPEC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com