Electronic Components Datasheet Search
  English  ▼

X  

HP3 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # HP3
Description  Useful of 4,000 hours at 85ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HP3 Datasheet(HTML) 2 Page - AIC tech Inc.

  HP3 Datasheet HTML 1Page - AIC tech Inc. HP3 Datasheet HTML 2Page - AIC tech Inc. HP3 Datasheet HTML 3Page - AIC tech Inc. HP3 Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HP3 Series
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
63
1,500
22
×25
0.25
1.08
159
HP31J152MCXS2WPEC
2,200
22
×30
0.25
1.20
108
HP31J222MCXS3WPEC
25
×25
0.25
1.19
108
HP31J222MCYS2WPEC
3,300
22
×35
0.25
1.56
80
HP31J332MCXS4WPEC
25
×30
0.25
1.56
80
HP31J332MCYS3WPEC
30
×25
0.25
1.56
80
HP31J332MCZS2WPEC
4,700
22
×45
0.25
1.84
60
HP31J472MCXS6WPEC
25
×35
0.25
1.77
60
HP31J472MCYS4WPEC
30
×30
0.25
1.77
60
HP31J472MCZS3WPEC
35
×25
0.25
1.77
60
HP31J472MCAS2WPEC
6,800
25
×50
0.25
2.42
40
HP31J682MCYS7WPEC
30
×35
0.25
2.25
40
HP31J682MCZS4WPEC
35
×30
0.25
2.25
40
HP31J682MCAS3WPEC
10,000
30
×45
0.35
2.52
35
HP31J103MCZS6WPEC
35
×40
0.35
2.53
35
HP31J103MCAS5WPEC
15,000
35
×50
0.35
3.36
30
HP31J153MCAS7WPEC
80
1,000
22
×25
0.20
0.88
230
HP31K102MCXS2WPEC
1,500
22
×30
0.20
1.15
155
HP31K152MCXS3WPEC
25
×25
0.20
1.13
155
HP31K152MCYS2WPEC
2,200
22
×40
0.20
1.34
105
HP31K222MCXS5WPEC
25
×30
0.20
1.28
105
HP31K222MCYS3WPEC
30
×25
0.20
1.28
105
HP31K222MCZS2WPEC
3,300
22
×50
0.25
1.80
70
HP31K332MCXS7WPEC
25
×40
0.25
1.72
70
HP31K332MCYS5WPEC
30
×30
0.25
1.65
70
HP31K332MCZS3WPEC
35
×25
0.25
1.65
70
HP31K332MCAS2WPEC
4,700
25
×50
0.25
2.01
50
HP31K472MCYS7WPEC
30
×40
0.25
1.96
50
HP31K472MCZS5WPEC
35
×30
0.25
1.87
50
HP31K472MCAS3WPEC
6,800
30
×50
0.25
2.56
35
HP31K682MCZS7WPEC
35
×40
0.25
2.47
35
HP31K682MCAS5WPEC
100
1,000
22
×30
0.20
0.94
180
HP32A102MCXS3WPEC
25
×25
0.20
0.93
180
HP32A102MCYS2WPEC
1,500
22
×35
0.20
1.22
120
HP32A152MCXS4WPEC
25
×30
0.20
1.22
120
HP32A152MCYS3WPEC
30
×25
0.20
1.22
120
HP32A152MCZS2WPEC
2,200
22
×50
0.20
1.47
82
HP32A222MCXS7WPEC
25
×40
0.20
1.41
82
HP32A222MCYS5WPEC
30
×30
0.20
1.35
82
HP32A222MCZS3WPEC
35
×25
0.20
1.35
82
HP32A222MCAS2WPEC
3,300
25
×50
0.20
1.88
60
HP32A332MCYS7WPEC
30
×40
0.20
1.83
60
HP32A332MCZS5WPEC
35
×30
0.20
1.75
60
HP32A332MCAS3WPEC
4,700
30
×50
0.25
2.12
45
HP32A472MCZS7WPEC
35
×40
0.25
2.05
45
HP32A472MCAS5WPEC
6,800
35
×50
0.25
2.68
35
HP32A682MCAS7WPEC
160
390
22
×25
0.15
1.50
365
HP32C391MCXS2WPEC
470
22
×30
0.15
1.76
305
HP32C471MCXS3WPEC
25
×25
0.15
1.74
305
HP32C471MCYS2WPEC
560
22
×35
0.15
2.03
255
HP32C561MCXS4WPEC
25
×30
0.15
2.02
255
HP32C561MCYS3WPEC
680
22
×40
0.15
2.36
210
HP32C681MCXS5WPEC
25
×30
0.15
2.24
210
HP32C681MCYS3WPEC
30
×25
0.15
2.24
210
HP32C681MCZS2WPEC
820
22
×45
0.15
2.72
175
HP32C821MCXS6WPEC
25
×35
0.15
2.61
175
HP32C821MCYS4WPEC
30
×30
0.15
2.61
175
HP32C821MCZS3WPEC
1,000
22
×50
0.15
3.13
145
HP32C102MCXS7WPEC
25
×40
0.15
3.00
145
HP32C102MCYS5WPEC
30
×30
0.15
2.88
145
HP32C102MCZS3WPEC
35
×25
0.15
2.88
145
HP32C102MCAS2WPEC
1,200
25
×45
0.15
3.44
120
HP32C122MCYS6WPEC
30
×35
0.15
3.34
120
HP32C122MCZS4WPEC
35
×30
0.15
3.34
120
HP32C122MCAS3WPEC
1,500
30
×40
0.15
3.91
95
HP32C152MCZS5WPEC
35
×35
0.15
3.96
95
HP32C152MCAS4WPEC
1,800
30
×45
0.15
4.47
80
HP32C182MCZS6WPEC
35
×35
0.15
4.34
80
HP32C182MCAS4WPEC
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
16
6,800
22
×25
0.50
1.78
51
HP31C682MCXS2WPEC
10,000
22
×30
0.50
1.94
41
HP31C103MCXS3WPEC
25
×25
0.50
1.92
41
HP31C103MCYS2WPEC
15,000
22
×40
0.50
2.65
28
HP31C153MCXS5WPEC
25
×30
0.50
2.52
28
HP31C153MCYS3WPEC
30
×25
0.50
2.52
28
HP31C153MCZS2WPEC
22,000
25
×45
0.50
3.52
22
HP31C223MCYS6WPEC
30
×30
0.50
3.23
22
HP31C223MCZS3WPEC
35
×25
0.50
3.23
22
HP31C223MCAS2WPEC
33,000
30
×45
0.50
4.28
17
HP31C333MCZS6WPEC
35
×35
0.50
4.12
17
HP31C333MCAS4WPEC
25
4,700
22
×25
0.40
1.48
88
HP31E472MCXS2WPEC
6,800
22
×30
0.40
1.89
70
HP31E682MCXS3WPEC
25
×25
0.40
1.87
70
HP31E682MCYS2WPEC
10,000
22
×35
0.40
2.06
48
HP31E103MCXS4WPEC
25
×30
0.40
2.06
48
HP31E103MCYS3WPEC
30
×25
0.40
2.06
48
HP31E103MCZS2WPEC
15,000
22
×45
0.40
2.78
32
HP31E153MCXS6WPEC
25
×35
0.40
2.67
32
HP31E153MCYS4WPEC
30
×30
0.40
2.67
32
HP31E153MCZS3WPEC
35
×25
0.40
2.67
32
HP31E153MCAS2WPEC
22,000
25
×45
0.40
3.52
22
HP31E223MCYS6WPEC
30
×35
0.40
3.41
22
HP31E223MCZS4WPEC
35
×30
0.40
3.41
22
HP31E223MCAS3WPEC
33,000
30
×50
0.40
4.45
17
HP31E333MCZS7WPEC
35
×40
0.40
4.31
17
HP31E333MCAS5WPEC
35
3,300
22
×25
0.35
1.38
165
HP31V332MCXS2WPEC
4,700
22
×30
0.35
1.57
115
HP31V472MCXS3WPEC
25
×25
0.35
1.56
115
HP31V472MCYS2WPEC
6,800
22
×35
0.35
2.01
80
HP31V682MCXS4WPEC
25
×30
0.35
2.01
80
HP31V682MCYS3WPEC
30
×25
0.35
2.01
80
HP31V682MCZS2WPEC
10,000
22
×45
0.35
2.27
55
HP31V103MCXS6WPEC
25
×35
0.35
2.18
55
HP31V103MCYS4WPEC
30
×30
0.35
2.18
55
HP31V103MCZS3WPEC
35
×25
0.35
2.18
55
HP31V103MCAS2WPEC
15,000
25
×50
0.35
3.03
35
HP31V153MCYS7WPEC
30
×35
0.35
2.82
35
HP31V153MCZS4WPEC
35
×30
0.35
2.82
35
HP31V153MCAS3WPEC
22,000
30
×45
0.35
3.73
25
HP31V223MCZS6WPEC
35
×40
0.35
3.76
25
HP31V223MCAS5WPEC
33,000
35
×50
0.40
4.67
20
HP31V333MCAS7WPEC
50
2,200
22
×25
0.30
1.13
108
HP31H222MCXS2WPEC
3,300
22
×30
0.30
1.47
72
HP31H332MCXS3WPEC
25
×25
0.30
1.46
72
HP31H332MCYS2WPEC
4,700
22
×35
0.30
1.67
50
HP31H472MCXS4WPEC
25
×30
0.30
1.67
50
HP31H472MCYS3WPEC
30
×25
0.30
1.67
50
HP31H472MCZS2WPEC
6,800
22
×50
0.30
2.31
35
HP31H682MCXS7WPEC
25
×40
0.30
2.21
35
HP31H682MCYS5WPEC
30
×30
0.30
2.13
35
HP31H682MCZS3WPEC
35
×25
0.30
2.13
35
HP31H682MCAS2WPEC
10,000
25
×50
0.35
2.48
32
HP31H103MCYS7WPEC
30
×35
0.35
2.30
32
HP31H103MCZS4WPEC
35
×30
0.35
2.30
32
HP31H103MCAS3WPEC
15,000
30
×50
0.35
3.21
25
HP31H153MCZS7WPEC
35
×40
0.35
3.10
25
HP31H153MCAS5WPEC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com