Electronic Components Datasheet Search
  English  ▼

X  

HP3 Datasheet(PDF) 4 Page - AIC tech Inc.

Part # HP3
Description  Useful of 4,000 hours at 85ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HP3 Datasheet(HTML) 4 Page - AIC tech Inc.

  HP3 Datasheet HTML 1Page - AIC tech Inc. HP3 Datasheet HTML 2Page - AIC tech Inc. HP3 Datasheet HTML 3Page - AIC tech Inc. HP3 Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HP3 Series
Life time graph
Useful life depending on ambient temperature Ta and ripple current
operating conditions
Ⅰversus rated ripple current at 85℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Ta=85
℃
Ta=70
℃
Ta=60
℃
Series
HP3
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
120
22
×25
0.20
1.00
890
HP32G121MCXS2WPEC
180
22
×30
0.20
1.31
600
HP32G181MCXS3WPEC
25
×25
0.20
1.29
600
HP32G181MCYS2WPEC
220
22
×35
0.20
1.54
490
HP32G221MCXS4WPEC
25
×30
0.20
1.52
490
HP32G221MCYS3WPEC
270
22
×40
0.20
1.79
400
HP32G271MCXS5WPEC
25
×35
0.20
1.78
400
HP32G271MCYS4WPEC
30
×25
0.20
1.69
400
HP32G271MCZS2WPEC
330
22
×50
0.20
2.17
330
HP32G331MCXS7WPEC
25
×40
0.20
2.07
330
HP32G331MCYS5WPEC
30
×30
0.20
1.98
330
HP32G331MCZS3WPEC
390
25
×45
0.20
2.36
280
HP32G391MCYS6WPEC
30
×35
0.20
2.27
280
HP32G391MCZS4WPEC
35
×25
0.20
2.16
280
HP32G391MCAS2WPEC
470
25
×50
0.20
2.70
230
HP32G471MCYS7WPEC
30
×40
0.20
2.61
230
HP32G471MCZS5WPEC
35
×30
0.20
2.50
230
HP32G471MCAS3WPEC
560
30
×45
0.20
2.98
200
HP32G561MCZS6WPEC
35
×35
0.20
2.87
200
HP32G561MCAS4WPEC
680
30
×50
0.20
3.41
160
HP32G681MCZS7WPEC
35
×40
0.20
3.31
160
HP32G681MCAS5WPEC
820
30
×60
0.20
3.45
140
HP32G821MCZS9WPEC
35
×45
0.20
3.79
140
HP32G821MCAS6WPEC
1,000
35
×50
0.20
4.35
110
HP32G102MCAS7WPEC
1,200
35
×75
0.20
4.42
100
HP32G122MSAS12WPEC
40
×56
0.20
4.28
100
HP32G122MSBS8WPEC
1,500
35
×100
0.20
5.57
80
HP32G152MSAS17WPEC
40
×76
0.20
5.13
80
HP32G152MSBS12WPEC
1,800
40
×101
0.20
6.32
70
HP32G182MSBS17WPEC
420
120
22
×25
0.20
1.00
920
HP3420V121MCXS2WPEC
150
22
×30
0.20
1.20
740
HP3420V151MCXS3WPEC
25
×25
0.20
1.18
740
HP3420V151MCYS2WPEC
180
22
×35
0.20
1.39
620
HP3420V181MCXS4WPEC
25
×30
0.20
1.38
620
HP3420V181MCYS3WPEC
220
22
×40
0.20
1.62
500
HP3420V221MCXS5WPEC
25
×35
0.20
1.61
500
HP3420V221MCYS4WPEC
30
×25
0.20
1.52
500
HP3420V221MCZS2WPEC
270
22
×45
0.20
1.88
410
HP3420V271MCXS6WPEC
25
×40
0.20
1.87
410
HP3420V271MCYS5WPEC
30
×30
0.20
1.79
410
HP3420V271MCZS3WPEC
330
25
×45
0.20
2.17
340
HP3420V331MCYS6WPEC
35
×25
0.20
1.98
340
HP3420V331MCAS2WPEC
390
25
×50
0.20
2.46
290
HP3420V391MCYS7WPEC
30
×35
0.20
2.27
290
HP3420V391MCZS4WPEC
35
×30
0.20
2.28
290
HP3420V391MCAS3WPEC
470
30
×40
0.20
2.61
240
HP3420V471MCZS5WPEC
35
×35
0.20
2.63
240
HP3420V471MCAS4WPEC
560
30
×50
0.20
3.10
200
HP3420V561MCZS7WPEC
35
×40
0.20
3.01
200
HP3420V561MCAS5WPEC
680
30
×60
0.20
3.35
170
HP3420V681MCZS9WPEC
35
×45
0.20
3.45
170
HP3420V681MCAS6WPEC
820
35
×50
0.20
3.94
140
HP3420V821MCAS7WPEC
1,000
35
×75
0.20
4.04
120
HP3420V102MSAS12WPEC
40
×56
0.20
3.91
120
HP3420V102MSBS8WPEC
1,200
35
×100
0.20
4.99
100
HP3420V122MSAS17WPEC
40
×76
0.20
4.59
100
HP3420V122MSBS12WPEC
1,800
40
×101
0.20
6.32
70
HP3420V182MSBS17WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
120
22
×25
0.20
1.00
920
HP32W121MCXS2WPEC
150
22
×30
0.20
1.20
740
HP32W151MCXS3WPEC
25
×25
0.20
1.18
740
HP32W151MCYS2WPEC
180
22
×35
0.20
1.39
620
HP32W181MCXS4WPEC
25
×30
0.20
1.38
620
HP32W181MCYS3WPEC
220
22
×40
0.20
1.62
500
HP32W221MCXS5WPEC
25
×35
0.20
1.61
500
HP32W221MCYS4WPEC
30
×25
0.20
1.52
500
HP32W221MCZS2WPEC
270
22
×45
0.20
1.88
410
HP32W271MCXS6WPEC
25
×40
0.20
1.87
410
HP32W271MCYS5WPEC
30
×30
0.20
1.79
410
HP32W271MCZS3WPEC
330
25
×45
0.20
2.17
340
HP32W331MCYS6WPEC
35
×25
0.20
1.98
340
HP32W331MCAS2WPEC
390
25
×50
0.20
2.46
290
HP32W391MCYS7WPEC
30
×35
0.20
2.27
290
HP32W391MCZS4WPEC
35
×30
0.20
2.28
290
HP32W391MCAS3WPEC
470
30
×40
0.20
2.61
240
HP32W471MCZS5WPEC
35
×35
0.20
2.63
240
HP32W471MCAS4WPEC
560
30
×50
0.20
3.10
200
HP32W561MCZS7WPEC
35
×40
0.20
3.01
200
HP32W561MCAS5WPEC
680
30
×60
0.20
3.12
170
HP32W681MCZS9WPEC
35
×45
0.20
3.45
170
HP32W681MCAS6WPEC
820
35
×50
0.20
3.94
140
HP32W821MCAS7WPEC
1,000
35
×75
0.20
4.04
120
HP32W102MSAS12WPEC
40
×61
0.20
4.04
120
HP32W102MSBS9WPEC
1,200
35
×100
0.20
4.99
100
HP32W122MSAS17WPEC
40
×76
0.20
4.59
100
HP32W122MSBS12WPEC
1,500
40
×101
0.20
5.76
80
HP32W152MSBS17WPEC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com