Electronic Components Datasheet Search
  English  ▼

X  

HP3 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # HP3
Description  Useful of 4,000 hours at 85ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HP3 Datasheet(HTML) 1 Page - AIC tech Inc.

  HP3 Datasheet HTML 1Page - AIC tech Inc. HP3 Datasheet HTML 2Page - AIC tech Inc. HP3 Datasheet HTML 3Page - AIC tech Inc. HP3 Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Standard
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) HP3 Series 16V 10,000
μF ±20%
HP3 1C 103 M C X
WP
S3
EC
Type of
series
HP3 Series
• Conform RoHS
Features
• The HP3 series is the standard products of 85℃ .
Product Specifications
A continuous load should be avoided over 10 Arms at the
terminal in accordance with the permissible current.
Please consult us when the ripple voltage exceeds 70Vp-p .
Product code
Ripple current correction coefficient
Temperature (
℃)
607085
1.4
1.2
1.0
Frequency (Hz)
50 / 60
120
300
1K
≧10K
Correction 16∼100V.DC
0.7
1.0
1.1
1.2
1.2
160
∼450V.DC
0.7
1.0
1.1
1.3
1.4
10
φD±1
2-claw short terminal
(Terminal code : C)
4-claw terminal
(Terminal code : S)
Snap Lock Terminal
PET Sleeve
Case vent
4.0
±0.5
L
±2
Plate less
Case vent
Plate less
(Unit : mim)
φD±1
6.3
±1
L
±2
BLANK terminals
BLANK terminals
(Unit : mim)
PET Sleeve
Snap Lock Terminal
Dimensions
Items
Specifications
Temperature range
−40℃∼ +85℃
Rated voltage
16
∼ 450V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.02CV (
μA) or 3mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard products table.
(85℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 85
℃ for 2,000 hours :
16
∼ 350V.DC / Capacitance change : Within ±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
400
∼ 450V.DC/ Capacitance change : Within ±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 85
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Refer to page 118-119 for other terminal shape available on request.
→
HU3
HP3
105
℃
P.124


Similar Part No. - HP3

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-000-B CTS-HP3-000-B Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-000-CB CTS-HP3-000-CB Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-000-U CTS-HP3-000-U Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Coilcraft lnc.
HP3-0047L COILCRAFT-HP3-0047L Datasheet
489Kb / 10P
Hexa-Path Magnetics
More results

Similar Description - HP3

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
FXW2 AICTECH-FXW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HCGF6A AICTECH-HCGF6A Datasheet
65Kb / 2P
Useful of 4,000 hours at 85ºC
HCGW2 AICTECH-HCGW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HCGWA AICTECH-HCGWA Datasheet
71Kb / 2P
Useful of 4,000 hours at 85ºC
HXA AICTECH-HXA Datasheet
65Kb / 2P
Useful of 20,000 hours at 85ºC
VF0J334YD094 AICTECH-VF0J334YD094 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VFLR AICTECH-VFLR Datasheet
86Kb / 3P
Useful of 8,000 hours at 85ºC
VFR AICTECH-VFR Datasheet
82Kb / 3P
Useful of 4,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com