Electronic Components Datasheet Search
  English  ▼

X  

DSP96002/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # DSP96002/D
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button DSP96002/D Datasheet HTML 28Page - NXP Semiconductors DSP96002/D Datasheet HTML 29Page - NXP Semiconductors DSP96002/D Datasheet HTML 30Page - NXP Semiconductors DSP96002/D Datasheet HTML 31Page - NXP Semiconductors DSP96002/D Datasheet HTML 32Page - NXP Semiconductors DSP96002/D Datasheet HTML 33Page - NXP Semiconductors DSP96002/D Datasheet HTML 34Page - NXP Semiconductors DSP96002/D Datasheet HTML 35Page - NXP Semiconductors DSP96002/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
Specifications
AC Electrical Characteristics
2-10
DSP96002/D, Rev. 2
MOTOROLA
External Bus Relative Timing
Table 2-6
External Bus Relative Timing
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min Max Min Max
10
A0–A31, S0–S1, R/W Valid to TS
Asserted
Expression:
105
166
7.55
13.56
4.05
9.56
ns
11
A0–A31, S0–S1, R/W Valid to TS
Deasserted
427
—
33.58
—
25.08
—ns
12
TS Width Asserted
309
—259
—179
—ns
12a
WR Width Asserted
2727
—2227
—1527
—ns
13
TS Deasserted to R/W, A0–A31
Invalid
610
—
6.511
—
6.511
—ns
13a
WR Deasserted to R/W, A0–A31
Invalid
6
—
3.5
—
2.5
—
ns
14
TS Width Deasserted
2112
—1813
—1613
—ns
14a
WR Width Deasserted
18
—
15
—
10
—
ns
15
TS Asserted to D0–D31 Valid (Write
Cycle)
—2014
—
17.514
—1514
ns
16
D0–D31 Valid to TS Deasserted (Write
Cycle)
1215
—
8.516
—616
—ns
16a
D0–D31 Valid to WR Deasserted
(Write Cycle)
1228
—1029
—
6.529
—ns
17
TS Deasserted to D0–D31 Invalid
(Write Cycle)
610
—
6.511
—
6.511
—ns
17a
WR Deasserted to D0–D31 Invalid
(Write Cycle)
6
—
3.5
—
2.5
—
ns
18
TS Asserted to D0–D31 Active (Write
Cycle)
1017
—1018
—
7.718
—ns
19
TS Deasserted to D0–D31 Tri–state
(Write Cycle)
—1619
—
13.519
—1119
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com