Electronic Components Datasheet Search
  English  ▼

X  

DSP96002/D Datasheet(PDF) 70 Page - NXP Semiconductors

Part # DSP96002/D
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002/D Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button DSP96002/D Datasheet HTML 66Page - NXP Semiconductors DSP96002/D Datasheet HTML 67Page - NXP Semiconductors DSP96002/D Datasheet HTML 68Page - NXP Semiconductors DSP96002/D Datasheet HTML 69Page - NXP Semiconductors DSP96002/D Datasheet HTML 70Page - NXP Semiconductors DSP96002/D Datasheet HTML 71Page - NXP Semiconductors DSP96002/D Datasheet HTML 72Page - NXP Semiconductors DSP96002/D Datasheet HTML 73Page - NXP Semiconductors DSP96002/D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
Packaging
PGA Package
3-10
DSP96002/D, Rev. 2
MOTOROLA
V9
Input/Output
BD20
V10
Input/Output
BD19
V11
Input/Output
BD16
V12
Input/Output
BD13
V13
Input/Output
BD10
V14
Input/Output
BD08
V15
Input/Output
BD05
V16
Input/Output
BD02
V17
Input/Output
AD00
V18
Input/Output
AD01
Figure 3-3 DSP96002 Mechanical Information, 223-pin PGA Package
Table 3-1
DSP96002 Pin List, 223-pin PGA Package (Continued)
Pin
Number
Signal Type
Signal Name
CASE 860C-02
ISSUE A
NOTES:
1.
DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2.
CONTROLLING DIMENSION: INCH.
DIM
A
MIN
MAX
1.840
1.880
INCHES
B
1.840
1.880
C
0.120
0.150
D
0.017
0.020
G
0.100 BSC
H
L
0.170
0.190
F
0.030 M TE SS
0.010 M T
0.050 BSC
B
A
-F-
-E-
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
18
15
10
6
1
17 16
14 13 12 11
987
5432
H
G
G
H
C
223X
D
L
-T-
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com