Electronic Components Datasheet Search
  English  ▼

X  

DSP96002/D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # DSP96002/D
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002/D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button DSP96002/D Datasheet HTML 2Page - NXP Semiconductors DSP96002/D Datasheet HTML 3Page - NXP Semiconductors DSP96002/D Datasheet HTML 4Page - NXP Semiconductors DSP96002/D Datasheet HTML 5Page - NXP Semiconductors DSP96002/D Datasheet HTML 6Page - NXP Semiconductors DSP96002/D Datasheet HTML 7Page - NXP Semiconductors DSP96002/D Datasheet HTML 8Page - NXP Semiconductors DSP96002/D Datasheet HTML 9Page - NXP Semiconductors DSP96002/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
Signal/Connection Descriptions
Signal Groupings
1-2
DSP96002/D, Rev. 2
MOTOROLA
Figure 1-1 Functional Group Pin Allocations
Address Bus A
AA0–AA31
Data Bus A
AD0–AD31
Port A Bus Control
AS1
AS0
AR/W
ABS
ABL
ATT
ATS
ATA
AAE
ADE
AHS
AHA
AHR
ABR
ABG
ABB
ABA
Interrupt and Mode Control
MODA/IRQA
MODB/IRQB
MODC/IRQC
RESET
Clock Input
CLK
Power1
VCCN
VCCQ
Address Bus B
BA0–BA31
Data Bus B
BD0 – BD31
Port B Bus Control
BS1
BS0
BR/W
BBS
BBL
BTT
BTS
BTA
BAE
BDE
BHS
BHA
BHR
BR
BBG
BBB
BBA
On-Chip Emulation Port (OnCE)
DSO
DSI/OSO
DSCK/OS1
DR
DSP96002
32
/
32
/
32
/
32
/
AWR
BWR
Timer/Event Counters
TIO0–TIO1
2
Ground2
GNDN
GNDQ
Note:
1.
Number of power input pins is package dependent. See
Section 3.
2.
Number of ground connections is package dependent. See
Section 3.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com