Electronic Components Datasheet Search
  English  ▼

X  

DSP96002/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DSP96002/D
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DSP96002/D Datasheet HTML 9Page - NXP Semiconductors DSP96002/D Datasheet HTML 10Page - NXP Semiconductors DSP96002/D Datasheet HTML 11Page - NXP Semiconductors DSP96002/D Datasheet HTML 12Page - NXP Semiconductors DSP96002/D Datasheet HTML 13Page - NXP Semiconductors DSP96002/D Datasheet HTML 14Page - NXP Semiconductors DSP96002/D Datasheet HTML 15Page - NXP Semiconductors DSP96002/D Datasheet HTML 16Page - NXP Semiconductors DSP96002/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
Signal/Connection Descriptions
Port A and Port B
MOTOROLA
DSP96002/D, Rev. 2
1-9
ATA
BTA
Input
Input,
ignored
during
reset
Transfer Acknowledge—
The TA input is a synchronous
“DTACK” function that can extend an external bus cycle
indefinitely. TA must be asserted and deasserted
synchronously to the input clock (CLK) for proper
operation. TA is sampled on the falling edge of the input
clock (CLK). Any number of wait states (0, 1, 2, …, infinity)
may be inserted by keeping TA deasserted. In a typical
operation, TA is first deasserted at the start of a bus cycle,
then is asserted to enable completion of the bus cycle, and
finally is deasserted before the next bus cycle.The current
bus cycle completes one clock period after TA is asserted
synchronously to CLK. The number of wait states is
determined by the TA input or by the Bus Control Register
(BCR), whichever is longer. The BCR can be used to set the
minimum number of wait states in external bus cycles. If
TA is tied low (asserted) and no wait states are specified in
the BCR, zero wait states will be inserted into external bus
cycles.
Note:
If the DSP96002 is the bus master and there is no external
bus activity or the DSP96002 is not the bus master, then
the TA input is ignored by the core.
AAE
BAE
Input
Input,
ignored
during
reset
Address Enable—
AE is an input that must be asserted and
deasserted synchronous to the input clock (CLK) for proper
operation. If the DSP is the bus master, AE is asserted to
enable the A0–A31 address output drivers. If AE is
deasserted, the address output drivers are tri-stated. If the
DSP is not a bus master, the address output drivers are tri-
stated regardless of whether AE is asserted or deasserted.
The function of AE is to allow implementation of
multiplexed bus systems. An example of such an
implementation is a multiplexed address1/address2 bus
used with dual port memories, such as dynamic VRAMs.
Note:
There must be at least one undriven CLK period between
enables for multiplexed buses to allow one bus to tri-
state before another bus is enabled. External control is
responsible for this timing. For non-multiplexed systems,
AE should be tied low.
Table 1-6
Port A and Port B (Continued)
Signal
Name
Type
State
During
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com