Electronic Components Datasheet Search
  English  ▼

X  

SLCT14 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # SLCT14
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT14 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  SLCT14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical Data
Connection
Transmitter unit: 4-pin, M12 x 1 connector
Receiver: 8-pin, M12 x 1 connector
Cable cross section min. 0.25 mm2
Max. cable length 50 m
Material
Housing
extruded aluminum section , Silver anodized
Optical face
Plastic pane , Transparent polycarbonate
Mass
see table 2
General information
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Connection
Receiver unit:
Transmitter unit:
Pin
Transmitter unit
1
24 V DC
2
Mode A/B
3
0 V DC
4
Test
Pin
Receiver unit
1
Restart Interlock (RI)
2
24 V DC
3
Relay Monitor (RM)
4
Status / Select RI-RM
5
OSSD1
6
OSSD2
7
0 V DC
8
Mode A/B
1
3
4
2
1
4
6
7
8
5
3
2
Assembly
1 Power
green
2 Mode A/B, Status yellow
3 OSSD OFF
red
4 OSSD ON
green
5 Restart/Status
yellow
6 Mode A/B
yellow
Transmitter unit
Receiver unit
1
2
3
5
4
6
1
Safety light curtain
SLCT14
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com