Electronic Components Datasheet Search
  English  ▼

X  

SLCT14 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # SLCT14
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT14 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  SLCT14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data
No-load supply current
I0
Transmitter unit:≤ 150 mA
Receiver: ≤ 150 mA (outputs open)
Protection class
III , IEC 61140
Power consumption
P0
Transmitter unit: 5 W
Receiver: 15 W
Input 1
Input type
Transmitter unit test
Input format
Break contact
Switching voltage
24 V DC
Input current
5 mA
Input 2
Input type
Transmitter unit, mode A/B
Function
Beam Code A: open or 0 V
Beam Code B: 24 V DC, 5 mA
Input 3
Input type
Receiver unit relay monitor
Input format
Break contact
Switching voltage
24 V DC
Input current
5 mA
Input 4
Input type
Receiver unit, start release
Input format
Break contact
Input current
5 mA
Input 5
Input type
Receiver unit, mode A/B (see transmitter unit, mode A/B)
Output
Response time
see Table 1, max. 54 ms
Output 1
Output type
Receiver unit OSSD
Signal output
PNP semiconductor , monitored for short and cross circuits
Switching voltage
ON: UB - 2 V; OFF: < 1 V
Switching current
ON: max. 0.1 A; OFF: < 5 µA
Output 2
Output type
Receiver signal output start readiness
Signal output
PNP-semiconductor, short-circuit protected, 0.1A
Conformity
Functional safety
ISO 13849-1 ; EN 61508 part1-4
Product standard
EN 61496-1 ; IEC 61496-2
Photobiological safety
Risk group 0 according to IEC 62471
Approvals and certificates
CE conformity
CE
UKCA conformity
UKCA
UL approval
cULus Listed
TÜV approval
TÜV SÜD
Ambient conditions
Ambient temperature
-35 ... 60 °C (-31 ... 140 °F)
Storage temperature
-35 ... 70 °C (-31 ... 158 °F)
Relative humidity
max. 95 %, not condensing
Shock resistance
10 g , 16 ms ; stationary applications only
Vibration resistance
0.35 mm , 10 ... 55 Hz ; stationary applications only
Mechanical specifications
Housing length L
see table 2
Degree of protection
IP67 , For indoor use only
Safety light curtain
SLCT14
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com