Electronic Components Datasheet Search
  English  ▼

X  

SLCT14 Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # SLCT14
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT14 Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  SLCT14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type Code
(2)
Resolution
90
90 mm
(3)
Protection field height
100
100 mm
200
110 mm
300
300 mm
...
...
2400
2400 mm
(4)
Principle
T
Transmitter
R
Receiver
(5)
Option
35
Extended detection range
Accessories
TR 14/30/50/60
Test rod for safety light curtain SLCT
AA SLCT-01
Profile alignment aid; simplified alignment of the SLCS and SLCT safety light curtains
OMH-SLCT-100-1200
Mounting base for floor mounting and cover plate
OMH-SLCT-100-1500
Mounting base for floor mounting and cover plate
OMH-SLCT-100-2100
Mounting base for floor mounting and cover plate
OMH-SLCT-100-2500
Mounting base for floor mounting and cover plate
OMH-SLCT-110-1200
Mounting base for floor mounting with rear panel and cover plate
OMH-SLCT-110-1500
Mounting base for floor mounting with rear panel and cover plate
OMH-SLCT-110-2100
Mounting base for floor mounting with rear panel and cover plate
OMH-SLCT-120-1200
Side protection for mounting base
OMH-SLCT-120-1500
Side protection for mounting base
OMH-SLCT-120-2100
Side protection for mounting base
OMH-SLCT-120-2500
Side protection for mounting base
OMH-SLCT-200
Floor mount
Safety light curtain
SLCT14
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com