Electronic Components Datasheet Search
  English  ▼

X  

SLCT14 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # SLCT14
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT14 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  SLCT14 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT14 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Application
Technical Features
Table 1: Response Time
Protection field height [mm]
Response time [ms]
100
11
200
15
300
19
400
23
500
26
600
30
700
34
800
38
900
42
1000
46
1100
50
1200
54
Table 2: Total Length and Weight
Protection field height [mm]
Total length of transmitter/receiver unit
[mm]
Weight of transmitter/receiver unit [g]
100
219
140
200
319
200
300
419
250
400
519
310
500
619
370
600
719
430
700
819
480
800
919
540
900
1019
600
1000
1119
650
1100
1219
710
1200
1319
760
Type Code
S
L
C
(1)
(2)
(2)
–
(3)
(3)
(3)
(3)
–
(4)
/
(5)
(5)
SLC
Device
SLC
Safety light curtain
(1)
Safety light curtain type
S
Self-monitoring, type 4
T
Testing, type 2
(2)
Resolution
14
14 mm
30
30 mm
60
60 mm
Safety light curtain
SLCT14
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com