Electronic Components Datasheet Search
  English  ▼

X  

MPC106EC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC106EC
Description  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106EC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC106EC Datasheet HTML 12Page - NXP Semiconductors MPC106EC Datasheet HTML 13Page - NXP Semiconductors MPC106EC Datasheet HTML 14Page - NXP Semiconductors MPC106EC Datasheet HTML 15Page - NXP Semiconductors MPC106EC Datasheet HTML 16Page - NXP Semiconductors MPC106EC Datasheet HTML 17Page - NXP Semiconductors MPC106EC Datasheet HTML 18Page - NXP Semiconductors MPC106EC Datasheet HTML 19Page - NXP Semiconductors MPC106EC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Pinout Listings
1.6 Pinout Listings
Table 10 provides the pinout listing for the MPC106. Some signals have dual functions and are shown
more than once.
Table 10. Pinout Listing
Signal Name
Pin Number
Active
I/O
60x Processor Interface Signals
A[0–31]
R2, P2, N2, M2, L2, K2, J5, K4, K5, K6, J2, J6, J3, J4, H3,
H4, H2, G2, F1, E1, E2, F4, E3, D1, C1, C2, B1, C3, B2, E4,
D3, E5
High
I/O
AACK
D2
Low
I/O
ARTRY
F2
Low
I/O
BG0
K3
Low
Output
BG1
(DIRTY_OUT)
R4
Low
Output
BG2
(TWE)
R5
Low
Output
BG3
(DCS)
T1
Low
Output
BR0
L3
Low
Input
BR1
(DIRTY_IN)
T3
Low
Input
BR2
(TV)
T6
Low
Input
BR3
(BA0)
T5
Low
Input
CI
N3
Low
I/O
DBG0
L5
Low
Output
DBG1
(TOE)
U4
Low
Output
DBG2
(DWE0)
P3
Low
Output
DBG3
(DWE1)
H11
Low
Output
DBGLB
(CKE)
J10
Low
Output
DH[0–31]
T14, R13, R14, P13, P14, N13, U3, W1, V2, W2, V3, W3, V4,
W4, V5, W5, V6, W6, V7, W7, V8, W8, N8, W9, V9, W10, V10,
W11, V11, W12, V12, W13
High
I/O
DL[0–31]
U6, T7, U7, T8, U8, R8, P8, N9, P9, R9, U9, T9, U10, T10,
U13, T13, R12, N14, M13, T2, U1, U2, V1, U15, V16, U14,
W16, V15, W15, V14, W14, V13
High
I/O
GBL
M3
Low
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com