Electronic Components Datasheet Search
  English  ▼

X  

MPC106EC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC106EC
Description  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106EC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC106EC Datasheet HTML 20Page - NXP Semiconductors MPC106EC Datasheet HTML 21Page - NXP Semiconductors MPC106EC Datasheet HTML 22Page - NXP Semiconductors MPC106EC Datasheet HTML 23Page - NXP Semiconductors MPC106EC Datasheet HTML 24Page - NXP Semiconductors MPC106EC Datasheet HTML 25Page - NXP Semiconductors MPC106EC Datasheet HTML 26Page - NXP Semiconductors MPC106EC Datasheet HTML 27Page - NXP Semiconductors MPC106EC Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
MPC106 PCI Bridge/Memory Controller Hardware Specifications
System Design Information
1.8.5.2 Board and System-Level Modeling
A common figure-of-merit used for comparing the thermal performance of various microelectronic
packaging technologies is the junction-to-ambient thermal resistance. The final chip-junction operating
temperature is not only a function of the component-level thermal resistance, but the system-level design
and its operating conditions. In addition to the component’s power consumption, a number of factors affect
the final operating die-junction temperature. For example, these factors might include airflow, board
population, heat sink efficiency, heat sink attach, next-level interconnect technology, and system air
temperature rise.
Due to the complexity and the many variations of system-level boundary conditions for today’s
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection,
and conduction) may vary widely. For this reason, we recommend using conjugate heat transfer models for
the board as well as system-level designs. To expedite system-level thermal analysis, several “compact”
CBGA thermal models are available on request within FLOTHERM®.
The die junction-to-ambient thermal resistance is shown in Table 14. The model results are in accordance
with SEMI specification G38. This standard specifies a single component be placed on a 7.5 cm x 10 cm
single-layer printed-circuit card. Note that this single metric may not adequately describe
three-dimensional heat flow.
Table 14. Die Junction-to-Ambient Thermal Resistance
Airflow Velocity
(Meter/Second)
Airflow Velocity
(Feet/Minute)
Die Junction-to-Ambient Thermal Resistance
(SEMI G38) (°C/W)
1
196.8
22.0
2
393.7
18.5
3
590.0
17.0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com