Electronic Components Datasheet Search
  English  ▼

X  

MPC106EC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC106EC
Description  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106EC Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC106EC Datasheet HTML 1Page - NXP Semiconductors MPC106EC Datasheet HTML 2Page - NXP Semiconductors MPC106EC Datasheet HTML 3Page - NXP Semiconductors MPC106EC Datasheet HTML 4Page - NXP Semiconductors MPC106EC Datasheet HTML 5Page - NXP Semiconductors MPC106EC Datasheet HTML 6Page - NXP Semiconductors MPC106EC Datasheet HTML 7Page - NXP Semiconductors MPC106EC Datasheet HTML 8Page - NXP Semiconductors MPC106EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Overview
In this document, the term ‘60x’ is used to denote a 32-bit microprocessor from the PowerPC architecture
family that conforms to the bus interface of the PowerPC 601™, PowerPC 603™, or PowerPC 604™
microprocessors. Note that this does not include the PowerPC 602™ microprocessor which has a
multiplexed address/data bus. 60x processors implement the PowerPC architecture as it is specified for
32-bit addressing, which provides 32-bit effective (logical) addresses, integer data types of 8, 16, and 32
bits, and floating-point data types of 32 and 64 bits (single-precision and double-precision).
To
locate
any
published
errata
or
updates
for
this
document,
refer
to
the
website
at
http://www.mot.com/SPS/PowerPC/.
1.1 Overview
The MPC106 provides an integrated high-bandwidth, high-performance, TTL-compatible interface
between a 60x processor, a secondary (L2) cache or additional (up to four total) 60x processors, the PCI
bus, and main memory. This section provides a block diagram showing the major functional units of the
106 and describes briefly how those units interact.
Figure 1 shows the major functional units within the 106. Note that this is a conceptual block diagram
intended to show the basic features rather than how these features are physically implemented on the
device.
Figure 1. Block Diagram
Target
Master
PCI Interface
PCI Bus
Memory
Interface
Power Management
Error/Interrupt
Control
Configuration
Registers
L2
60x Processor
Interface
L2 Cache
Interface
60x Bus
Memory
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com