Electronic Components Datasheet Search
  English  ▼

X  

MPC106EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC106EC
Description  MPC106 PCI Bridge/Memory Controller Hardware Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC106EC Datasheet HTML 2Page - NXP Semiconductors MPC106EC Datasheet HTML 3Page - NXP Semiconductors MPC106EC Datasheet HTML 4Page - NXP Semiconductors MPC106EC Datasheet HTML 5Page - NXP Semiconductors MPC106EC Datasheet HTML 6Page - NXP Semiconductors MPC106EC Datasheet HTML 7Page - NXP Semiconductors MPC106EC Datasheet HTML 8Page - NXP Semiconductors MPC106EC Datasheet HTML 9Page - NXP Semiconductors MPC106EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Electrical and Thermal Characteristics
Table 3 provides the package thermal characteristics for the 106.
Table 4 provides the DC electrical characteristics for the 106, assuming Vdd = AVdd = 3.3 ± 5% V DC,
GND = 0 V DC, and 0
≤ T
j ≤ 105 °C.
Table 5 lists the power consumption of the 106.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Notes
Supply voltage
Vdd
3.3 ± 165 mv
V
—
PLL supply voltage
AVdd
3.3 ± 165 mv
V
—
Input voltage
Vin
0 to 5.5
V
—
Die junction temperature
Tj
0 to 105
°C
The extended temperature parts have die junction
temperature of -40 to 105°C
Table 3. Package Thermal Characteristics
Characteristic
Symbol
Value
Rating
CBGA package thermal resistance, junction-to-top of die
θ
JC
0.133
°C/W
Note: Refer to Section 1.8, “System Design Information,” for more details about thermal management.
Table 4. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSCLK)
V
IH
2
5.5
V
Input low voltage (all inputs except SYSCLK)
V
IL
GND
0.8
V
SYSCLK input high voltage
CV
IH
2.4
5.5
V
SYSCLK input low voltage
CV
IL
GND
0.4
V
Input leakage current, V
in
=3.3 V1
I
in
—
15.0
µA
Hi-Z (off-state) leakage current, V
in
= 3.3 V1
I
TSI
—
15.0
µA
Output high voltage, I
OH
= -7 mA2
V
OH
2.4
—
V
Output low voltage, I
OL
= 7 mA2
V
OL
—
0.5
V
PCI 3.3 V signaling output high voltage, I
OH
= -0.5 mA2
V
OH
2.7
—
V
PCI 3.3 V signaling output low voltage, I
OL
= 1.5 mA2
V
OL
—
0.3
V
Capacitance, V
in
= 0 V, f = 1 MHz3
C
in
—
7.0
pF
Notes:
1 Excludes test signals (LSSD_MODE and JTAG signals).
2 This value represents worst case 40-ohm drivers (default value for Processor/L2 control signals CI, WT, GBL, TBST,
TSIZ[0–2], TT[0–4], TWE, and TV) only. Other signals have lower default driver impedance and will support larger
IOH and IOL. All drivers may optionally be programmed to different driver strengths.
3 Capacitance is periodically sampled rather than 100% tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com