Electronic Components Datasheet Search
  English  ▼

X  

MPC602EC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC602EC
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC602EC Datasheet HTML 1Page - NXP Semiconductors MPC602EC Datasheet HTML 2Page - NXP Semiconductors MPC602EC Datasheet HTML 3Page - NXP Semiconductors MPC602EC Datasheet HTML 4Page - NXP Semiconductors MPC602EC Datasheet HTML 5Page - NXP Semiconductors MPC602EC Datasheet HTML 6Page - NXP Semiconductors MPC602EC Datasheet HTML 7Page - NXP Semiconductors MPC602EC Datasheet HTML 8Page - NXP Semiconductors MPC602EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
PowerPC 602 RISC Microprocessor Hardware Specifications
•
Facilities for enhanced system performance
— A 64-bit (address and data multiplexed) external data bus with burst transfers
— Support for injected snoops by other devices during ownership of bus tenure
— Ability to broadcast a line-fill address, during the address tenure of a writeback transaction on
the bus
•
Integrated power management
— Low-power 3.3-volt design
— Internal processor/bus clock multiplier that provides 2/1 and 3/1 ratios
— Three static power-saving modes—doze, nap, and sleep
— Automatic dynamic power reduction when internal functional units are idle
•
Data bus externally selectable as either 32 or 64 bits
•
In-system testability and debugging features through JTAG port
•
Three power saving modes
— Doze—All the functional units of the 602 are disabled except for the time base/decrementer
registers and the bus snooping logic. When the processor is in doze mode, an external
asynchronous interrupt, a system management interrupt, a decrementer exception, a hard or soft
reset, or machine check brings the 602 into the full-power state. The 602 in doze mode
maintains the PLL in a fully-powered state and locked to the system external clock input
(SYSCLK) so a transition to the full-power state takes only a few processor clock cycles.
— Nap—The nap mode further reduces power consumption by disabling bus snooping, leaving
only the time base register and the PLL in a powered state. The 602 returns to the full-power
state upon receipt of an external asynchronous interrupt, a system management interrupt, a
decrementer exception, a hard or soft reset, or a machine check input (MCP). A return to full-
power state from a nap state takes only a few processor clock cycles.
— Sleep—Sleep mode reduces power consumption to a minimum by disabling all internal
functional units, after which external system logic may disable the PLL and SYSCLK.
Returning the 602 to the full-power state requires the enabling of the PLL and SYSCLK,
followed by the assertion of an external asynchronous interrupt, a system management
interrupt, a hard or soft reset, or a machine check input (MCP) signal after the time required to
relock the PLL.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com