Electronic Components Datasheet Search
  English  ▼

X  

MPC602EC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC602EC
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC602EC Datasheet HTML 3Page - NXP Semiconductors MPC602EC Datasheet HTML 4Page - NXP Semiconductors MPC602EC Datasheet HTML 5Page - NXP Semiconductors MPC602EC Datasheet HTML 6Page - NXP Semiconductors MPC602EC Datasheet HTML 7Page - NXP Semiconductors MPC602EC Datasheet HTML 8Page - NXP Semiconductors MPC602EC Datasheet HTML 9Page - NXP Semiconductors MPC602EC Datasheet HTML 10Page - NXP Semiconductors MPC602EC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
7
Table 5 provides the power dissipation for the 602. These are typical values from a limited sample size.
Capacitance, Vin = 0 V, f = 1 MHz
4
Cin
—15
pF
Notes:
1. Excludes test signal pins LSSD_MODE, L1_TSTCLK, L2_TSTCLK, TDI, TMS, TCK, TRST. These pins
contain weak active pull up devices and may typically draw 600
µA current.
2. Inputs and outputs contain protective diodes which may typically draw 600
µA at 5.5 V when three-
stated.
3. Bidirectional pins contain internal bus keeper circuits which may typically draw 700
µA current at 5.5 V
when three-stated.
4. Capacitance is guaranteed by design.
Table 5. Power Dissipation
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J≤ 105 °C
CPU Clock
66.67 MHz
80 MHz
Unit
Full-On Mode
Typical
2:1
Maximum
1.2
1.8
1.4
2.0
W
W
Typical
3:1
Maximum
1.2
1.8
1.4
2.0
W
W
Doze Mode
2:1
Typical
150
165
mW
3:1
Typical
150
165
mW
Nap Mode1
2:1
Typical
75
100
mW
3:1
Typical
75
100
mW
Table 4. DC Electrical Specifications (Continued)
Vdd = 3.3
± 10% V dc, GND = 0 V dc
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com