Electronic Components Datasheet Search
  English  ▼

X  

MPC602EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC602EC
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC602EC Datasheet HTML 5Page - NXP Semiconductors MPC602EC Datasheet HTML 6Page - NXP Semiconductors MPC602EC Datasheet HTML 7Page - NXP Semiconductors MPC602EC Datasheet HTML 8Page - NXP Semiconductors MPC602EC Datasheet HTML 9Page - NXP Semiconductors MPC602EC Datasheet HTML 10Page - NXP Semiconductors MPC602EC Datasheet HTML 11Page - NXP Semiconductors MPC602EC Datasheet HTML 12Page - NXP Semiconductors MPC602EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
9
Figure 1. SYSCLK Input Timing Diagram
1.3.2.2 Input AC Specifications
Table 7 provides the input AC timing specifications for the 602.
8
SYSCLK short-term jitter
(cycle-to-cycle)
—
±150
—
±150
ps
4
9
602 internal PLL relock time
—
100
—
100
µs
5,6
Notes:
1. Times shown in specifications are only valid for a 66.67 MHz processor frequency.
2. PLL_CFG settings that cause the VCO or processor to operate outside of specified range are not
guaranteed. Recommended PLL_CFG0–PLL_CFG3 settings for 2:1 mode are—66 MHz - 0101; 80
MHz - 0101. Recommended PLL_CFG0–PLL_CFG3 settings for 3:1 mode are—66 MHz - 1001; 80
MHz - 1001.
3. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
4. This parameter shows the sum of short- and long-term jitter. Short- and long-term jitter are
guaranteed by design.
5. Timing is guaranteed by design and characterization, and is not tested.
6. PLL-relock is the maximum time required for the PLL to lock after Vdd and SYSCLK become stable
during power-on reset or wake-up from sleep mode. During the power-on-reset sequence, HRESET
must be asserted for a minimum of 255 bus clocks after the PLL-relock time.
Table 7. Input AC Timing Specifications
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J ≤ 105 °C
Num
Characteristic
66.67 MHz CPU
Clock
80 MHz CPU
Clock
Unit
Notes
Min
Max
Min
Max
10a
Inputs valid to SYSCLK (input setup)
6
—
6
—
ns
1
10b
Mode select inputs valid to HRESET (input
setup) (for QACK )
8 * tsys
—
8 * tsys
—
ns
1,2,3,4,5
11a
Inputs invalid (input hold)
3.0
—
3.0
—
ns
1
Table 6. Clock AC Timing Specifications (Continued)
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J ≤ 105 °C
Num
Characteristic
66.67 MHz CPU Clock
80 MHz CPU Clock
Unit
Notes
Min
Max
Min
Max
VM
CVil
CVih
SYSCLK
VM = Midpoint Voltage (1.4V)
2
3
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com