Electronic Components Datasheet Search
  English  ▼

X  

MLC Datasheet(PDF) 3 Page - AIC tech Inc.

Part # MLC
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC Datasheet(HTML) 3 Page - AIC tech Inc.

  MLC Datasheet HTML 1Page - AIC tech Inc. MLC Datasheet HTML 2Page - AIC tech Inc. MLC Datasheet HTML 3Page - AIC tech Inc. MLC Datasheet HTML 4Page - AIC tech Inc. MLC Datasheet HTML 5Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
Rated d.c voltage
U N : 1,100Vdc
Max.ripple voltage
U r : 250V Non repetitive surge voltage U S : 1,650V
Voltage test between terminals
U TT : 1,650Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
140
85
70
26
3
9
3.3
60
8.6
MLC1100V147KB8570
160
85
75
27
4
12
3.5
65
7.6
MLC1100V167KB8575
170
88.5
70
29
4
12
2.8
60
8.3
MLC1100V177KB88570
180
85
80
27
4
12
3.7
65
7.1
MLC1100V187KB8580
88.5
75
29
4
12
3.1
65
7.5
MLC1100V187KB88575
200
85
87
26
4
12
4.2
75
6.9
MLC1100V207KB8587
88.5
80
28
4
12
3.4
65
7.3
MLC1100V207KB88580
210
100
70
34
5
15
2.4
60
6.9
MLC1100V217KB10070
230
85
95
26
4
12
4.6
80
6.2
MLC1100V237KB8595
88.5
87
28
4
12
3.7
75
6.7
MLC1100V237KB88587
100
75
34
5
15
2.6
65
6.4
MLC1100V237KB10075
260
85
106
25
4
12
5.3
90
5.8
MLC1100V267KB85106
88.5
95
28
4
12
4.1
80
6.1
MLC1100V267KB88595
100
80
33
5
15
2.8
65
6.3
MLC1100V267KB10080
290
85
125
50
7
21
1.7
40
4.7
MLC1100V297KB85125
88.5
106
27
4
12
4.8
90
5.6
MLC1100V297KB885106
100
87
33
5
15
3.1
75
5.8
MLC1100V297KB10087
116
70
41
7
21
1.9
60
6.0
MLC1100V297KB11670
310
85
120
25
4
12
6.1
100
5.1
MLC1100V317KB85120
320
85
135
50
7
21
1.8
40
4.3
MLC1100V327KB85135
116
75
41
7
21
2.1
65
5.6
MLC1100V327KB11675
330
88.5
125
53
8
24
1.5
40
4.6
MLC1100V337KB885125
100
95
33
5
15
3.4
80
5.2
MLC1100V337KB10095
350
88.5
120
27
4
12
5.5
100
4.9
MLC1100V357KB885120
360
85
145
49
7
21
1.9
45
4.2
MLC1100V367KB85145
116
80
41
7
21
2.2
65
5.2
MLC1100V367KB11680
370
88.5
135
54
8
24
1.6
40
4.2
MLC1100V377KB885135
380
100
106
32
5
15
3.9
90
4.8
MLC1100V387KB100106
400
85
159
49
7
21
2.2
50
3.7
MLC1100V407KB85159
116
87
40
7
21
2.4
75
5.0
MLC1100V407KB11687
410
88.5
145
53
8
24
1.7
45
4.1
MLC1100V417KB885145
440
100
125
60
10
30
1.2
40
3.9
MLC1100V447KB100125
450
100
120
32
5
15
4.5
100
4.2
MLC1100V457KB100120
460
85
175
49
7
21
2.4
55
3.4
MLC1100V467KB85175
88.5
159
53
8
24
1.9
50
3.7
MLC1100V467KB885159
116
95
40
7
21
2.7
80
4.5
MLC1100V467KB11695
140
70
45
11
33
1.4
60
6.9
MLC1100V467KB14070
470
100
135
60
10
30
1.4
40
3.6
MLC1100V477KB100135
500
140
75
45
11
33
1.6
65
6.0
MLC1100V507KB14075
520
100
145
60
10
30
1.5
45
3.4
MLC1100V527KB100145
530
85
197
48
7
21
2.7
60
3.1
MLC1100V537KB85197
88.5
175
53
8
24
2.1
55
3.3
MLC1100V537KB885175
116
106
40
7
21
3.0
90
4.0
MLC1100V537KB116106
560
140
80
44
11
33
1.7
65
5.9
MLC1100V567KB14080
580
100
159
60
10
30
1.6
50
3.1
MLC1100V587KB100159
116
125
73
14
42
1.0
40
3.6
MLC1100V587KB116125
590
88.5
197
52
8
24
2.5
60
2.9
MLC1100V597KB885197
620
85
225
48
7
21
3.2
70
2.7
MLC1100V627KB85225
116
120
39
7
21
3.5
100
3.6
MLC1100V627KB116120
630
140
87
44
11
33
1.8
75
5.6
MLC1100V637KB14087
650
116
135
74
14
42
1.1
40
3.3
MLC1100V657KB116135
690
100
175
60
10
30
1.7
55
2.9
MLC1100V697KB100175
700
88.5
225
51
8
24
2.9
70
2.6
MLC1100V707KB885225
720
116
145
74
14
42
1.2
45
3.0
MLC1100V727KB116145
140
95
44
11
33
2.0
80
5.0
MLC1100V727KB14095
760
100
197
60
10
30
2.0
60
2.5
MLC1100V767KB100197
810
116
159
73
14
42
1.3
50
2.8
MLC1100V817KB116159
140
106
43
11
33
2.3
90
4.6
MLC1100V817KB140106
900
100
225
60
10
30
2.4
70
2.2
MLC1100V907KB100225
920
116
175
73
14
42
1.4
55
2.6
MLC1100V927KB116175
140
125
79
22
66
0.8
40
3.9
MLC1100V927KB140125
950
140
120
43
11
33
2.6
100
4.1
MLC1100V957KB140120
1,000
116
197
71
14
42
1.7
60
2.3
MLC1100V108KB116197
140
135
79
22
66
0.8
40
3.9
MLC1100V108KB140135
1,100
140
145
78
22
66
0.9
45
3.6
MLC1100V118KB140145
1,200
116
225
71
14
42
1.9
70
2.0
MLC1100V128KB116225
140
159
77
21
63
1.0
50
3.3
MLC1100V128KB140159
1,400
140
175
78
21
63
1.1
55
2.9
MLC1100V148KB140175
1,600
140
197
77
22
66
1.2
60
2.8
MLC1100V168KB140197
1,900
140
225
77
22
66
1.4
70
2.4
MLC1100V198KB140225
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I2×ESR×Rth
Standard Products Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com