Electronic Components Datasheet Search
  English  ▼

X  

MLC Datasheet(PDF) 2 Page - AIC tech Inc.

Part # MLC
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC Datasheet(HTML) 2 Page - AIC tech Inc.

  MLC Datasheet HTML 1Page - AIC tech Inc. MLC Datasheet HTML 2Page - AIC tech Inc. MLC Datasheet HTML 3Page - AIC tech Inc. MLC Datasheet HTML 4Page - AIC tech Inc. MLC Datasheet HTML 5Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MLC Series
Standard Products Table
Rated d.c voltage
U N : 900Vdc
Max.ripple voltage
U r : 200V Non repetitive surge voltage U S : 1,350V
Voltage test between terminals
U TT : 1,350Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
180
85
70
28
4
12
2.9
60
8.4
MLC900V187KB8570
200
85
75
28
4
12
3.1
65
7.9
MLC900V207KB8575
210
88.5
70
31
5
15
2.6
60
7.8
MLC900V217KB88570
230
85
80
28
4
12
3.3
65
7.4
MLC900V237KB8580
88.5
75
30
5
15
2.8
65
7.7
MLC900V237KB88575
250
88.5
80
30
4
12
3.1
65
7.0
MLC900V257KB88580
260
85
87
28
4
12
3.7
75
6.8
MLC900V267KB8587
270
100
70
37
6
18
2.2
60
6.5
MLC900V277KB10070
280
88.5
87
28
4
12
3.4
75
6.8
MLC900V287KB88587
290
85
95
27
4
12
4.1
80
6.4
MLC900V297KB8595
300
100
75
37
6
18
2.3
65
6.1
MLC900V307KB10075
320
88.5
95
29
4
12
3.8
80
6.1
MLC900V327KB88595
330
85
106
27
4
12
4.8
90
5.6
MLC900V337KB85106
100
80
36
6
18
2.5
65
5.9
MLC900V337KB10080
360
88.5
106
28
4
12
4.4
90
5.7
MLC900V367KB885106
370
85
125
52
8
24
1.5
40
4.8
MLC900V377KB85125
100
87
36
6
18
2.8
75
5.4
MLC900V377KB10087
380
116
70
43
8
24
1.7
60
6.0
MLC900V387KB11670
390
85
120
26
4
12
5.5
100
5.2
MLC900V397KB85120
410
85
135
52
8
24
1.6
40
4.5
MLC900V417KB85135
116
75
43
8
24
1.9
65
5.6
MLC900V417KB11675
420
88.5
125
56
9
27
1.4
40
4.5
MLC900V427KB885125
100
95
34
6
18
3.1
80
5.4
MLC900V427KB10095
430
88.5
120
28
5
15
5.1
100
4.9
MLC900V437KB885120
460
85
145
52
8
24
1.7
45
4.1
MLC900V467KB85145
88.5
135
56
9
27
1.5
40
4.2
MLC900V467KB885135
116
80
43
8
24
2.0
65
5.2
MLC900V467KB11680
480
100
106
34
6
18
3.5
90
4.7
MLC900V487KB100106
510
88.5
145
55
9
27
1.6
45
4.0
MLC900V517KB885145
520
85
159
52
8
24
1.9
50
3.8
MLC900V527KB85159
116
87
42
8
24
2.2
75
5.0
MLC900V527KB11687
540
100
125
60
12
36
1.1
40
3.9
MLC900V547KB100125
560
100
120
33
6
18
4.1
100
4.3
MLC900V567KB100120
570
88.5
159
55
9
27
1.8
50
3.6
MLC900V577KB885159
140
70
46
12
36
1.4
60
6.6
MLC900V577KB14070
590
85
175
52
8
24
2.1
55
3.4
MLC900V597KB85175
116
95
42
8
24
2.4
80
4.5
MLC900V597KB11695
600
100
135
60
12
36
1.2
40
3.6
MLC900V607KB100135
630
140
75
46
12
36
1.4
65
6.6
MLC900V637KB14075
650
88.5
175
55
9
27
2.0
55
3.2
MLC900V657KB885175
660
85
197
51
8
24
2.5
60
3.0
MLC900V667KB85197
116
106
41
8
24
2.8
90
4.2
MLC900V667KB116106
670
100
145
60
12
36
1.3
45
3.5
MLC900V677KB100145
700
140
80
46
12
36
1.6
65
5.8
MLC900V707KB14080
730
88.5
197
54
9
27
2.3
60
2.9
MLC900V737KB885197
750
100
159
60
12
36
1.5
50
3.2
MLC900V757KB100159
760
116
125
77
16
48
0.9
40
3.5
MLC900V767KB116125
780
85
225
50
8
24
2.9
70
2.7
MLC900V787KB85225
116
120
41
8
24
3.2
100
3.6
MLC900V787KB116120
140
87
46
12
36
1.7
75
5.4
MLC900V787KB14087
830
116
135
77
16
48
1.0
40
3.3
MLC900V837KB116135
850
100
175
60
12
36
1.6
55
2.8
MLC900V857KB100175
870
88.5
225
54
9
27
2.6
70
2.6
MLC900V877KB885225
890
140
95
45
12
36
1.9
80
5.1
MLC900V897KB14095
930
116
145
77
16
48
1.1
45
3.1
MLC900V937KB116145
960
100
197
60
12
36
1.9
60
2.5
MLC900V967KB100197
1,000
116
159
76
16
48
1.2
50
2.8
MLC900V108KB116159
140
106
44
12
36
2.1
90
4.8
MLC900V108KB140106
1,100
100
225
60
11
33
2.2
70
2.2
MLC900V118KB100225
116
175
75
15
45
1.4
55
2.5
MLC900V118KB116175
140
120
43
11
33
2.5
100
4.2
MLC900V118KB140120
140
125
80
24
72
0.8
40
3.8
MLC900V118KB140125
1,200
140
135
80
23
69
0.8
40
3.8
MLC900V128KB140135
1,300
116
197
75
16
48
1.5
60
2.3
MLC900V138KB116197
1,400
140
145
81
24
72
0.8
45
3.7
MLC900V148KB140145
1,500
116
225
74
16
48
1.8
70
2.0
MLC900V158KB116225
140
159
80
23
69
0.9
50
3.4
MLC900V158KB140159
1,700
140
175
79
23
69
1.0
55
3.2
MLC900V178KB140175
2,000
140
197
80
24
72
1.2
60
2.6
MLC900V208KB140197
2,300
140
225
79
24
72
1.3
70
2.3
MLC900V238KB140225
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I 2×ESR×Rth



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com