Electronic Components Datasheet Search
  English  ▼

X  

MLC Datasheet(PDF) 5 Page - AIC tech Inc.

Part # MLC
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC Datasheet(HTML) 5 Page - AIC tech Inc.

  MLC Datasheet HTML 1Page - AIC tech Inc. MLC Datasheet HTML 2Page - AIC tech Inc. MLC Datasheet HTML 3Page - AIC tech Inc. MLC Datasheet HTML 4Page - AIC tech Inc. MLC Datasheet HTML 5Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
Rated d.c voltage
U N : 1,500Vdc
Max.ripple voltage
U r : 350V Non repetitive surge voltage U S : 2,250V
Voltage test between terminals
U TT : 2,250Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
70
85
70
23
2
6
4.6
60
8.0
MLC1500V706KB8570
80
85
75
23
2
6
4.8
65
7.7
MLC1500V806KB8575
88.5
70
25
3
9
4.0
60
7.8
MLC1500V806KB88570
90
85
80
23
3
9
5.1
65
7.1
MLC1500V906KB8580
88.5
75
25
3
9
4.3
65
7.2
MLC1500V906KB88575
100
85
87
22
2
6
5.7
75
7.0
MLC1500V107KB8587
88.5
80
24
3
9
4.7
65
7.2
MLC1500V107KB88580
110
85
95
22
2
6
6.5
80
6.1
MLC1500V117KB8595
88.5
87
24
3
9
5.2
75
6.5
MLC1500V117KB88587
100
70
30
4
12
3.1
60
6.9
MLC1500V117KB10070
120
100
75
30
4
12
3.4
65
6.3
MLC1500V127KB10075
130
85
106
22
3
9
7.3
90
5.5
MLC1500V137KB85106
88.5
95
24
3
9
5.6
80
6.0
MLC1500V137KB88595
100
80
29
4
12
3.8
65
6.1
MLC1500V137KB10080
150
88.5
106
24
3
9
6.4
90
5.3
MLC1500V157KB885106
100
87
29
4
12
4.0
75
5.7
MLC1500V157KB10087
116
70
37
5
15
2.5
60
5.7
MLC1500V157KB11670
160
85
120
22
3
9
8.1
100
4.9
MLC1500V167KB85120
116
75
36
5
15
2.7
65
5.5
MLC1500V167KB11675
170
88.5
120
23
3
9
7.7
100
4.8
MLC1500V177KB885120
100
95
29
4
12
4.5
80
5.1
MLC1500V177KB10095
180
116
80
36
5
15
2.9
65
5.1
MLC1500V187KB11680
190
100
106
28
4
12
5.2
90
4.7
MLC1500V197KB100106
200
85
159
42
5
15
2.9
50
3.8
MLC1500V207KB85159
116
87
34
5
15
3.2
75
5.2
MLC1500V207KB11687
230
85
175
42
5
15
3.2
55
3.4
MLC1500V237KB85175
88.5
159
46
6
18
2.6
50
3.6
MLC1500V237KB885159
100
120
28
4
12
5.9
100
4.2
MLC1500V237KB100120
116
95
34
5
15
3.5
80
4.7
MLC1500V237KB11695
140
70
40
8
24
1.8
60
6.8
MLC1500V237KB14070
250
140
75
40
8
24
2.0
65
6.2
MLC1500V257KB14075
260
88.5
175
45
6
18
2.9
55
3.3
MLC1500V267KB885175
270
85
197
42
5
15
3.6
60
3.0
MLC1500V277KB85197
116
106
34
5
15
3.9
90
4.3
MLC1500V277KB116106
280
140
80
40
8
24
2.1
65
5.8
MLC1500V287KB14080
300
88.5
197
45
6
18
3.3
60
2.9
MLC1500V307KB885197
100
159
54
7
21
2.1
50
3.2
MLC1500V307KB100159
320
85
225
42
5
15
4.2
70
2.6
MLC1500V327KB85225
116
120
34
5
15
4.5
100
3.7
MLC1500V327KB116120
140
87
40
8
24
2.3
75
5.3
MLC1500V327KB14087
340
100
175
53
7
21
2.3
55
3.0
MLC1500V347KB100175
350
88.5
225
44
6
18
3.8
70
2.7
MLC1500V357KB885225
360
140
95
39
8
24
2.5
80
5.1
MLC1500V367KB14095
390
100
197
53
8
24
2.7
60
2.6
MLC1500V397KB100197
400
140
106
38
8
24
2.9
90
4.7
MLC1500V407KB140106
410
116
159
65
10
30
1.7
50
2.8
MLC1500V417KB116159
460
100
225
52
8
24
3.1
70
2.3
MLC1500V467KB100225
470
116
175
65
10
30
1.8
55
2.5
MLC1500V477KB116175
480
140
120
38
8
24
3.3
100
4.1
MLC1500V487KB140120
540
116
197
64
10
30
2.1
60
2.3
MLC1500V547KB116197
640
116
225
64
10
30
2.4
70
2.0
MLC1500V647KB116225
140
159
71
16
48
1.2
50
3.2
MLC1500V647KB140159
720
140
175
70
16
48
1.3
55
3.1
MLC1500V727KB140175
810
140
197
69
16
48
1.5
60
2.8
MLC1500V817KB140197
960
140
225
69
16
48
1.8
70
2.3
MLC1500V967KB140225
Standard Products Table
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I 2×ESR×Rth



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com