Electronic Components Datasheet Search
  English  ▼

X  

MLC Datasheet(PDF) 4 Page - AIC tech Inc.

Part # MLC
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC Datasheet(HTML) 4 Page - AIC tech Inc.

  MLC Datasheet HTML 1Page - AIC tech Inc. MLC Datasheet HTML 2Page - AIC tech Inc. MLC Datasheet HTML 3Page - AIC tech Inc. MLC Datasheet HTML 4Page - AIC tech Inc. MLC Datasheet HTML 5Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MLC Series
Rated d.c voltage
U N : 1,300Vdc
Max.ripple voltage
U r : 300V Non repetitive surge voltage U S : 1,950V
Voltage test between terminals
U TT : 1,950Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
100
85
70
25
3
9
3.8
60
8.1
MLC1300V107KB8570
110
85
75
25
3
9
4.1
65
7.6
MLC1300V117KB8575
88.5
70
26
3
9
3.5
60
8.2
MLC1300V117KB88570
120
88.5
75
26
3
9
3.8
65
7.6
MLC1300V127KB88575
130
85
80
25
3
9
4.2
65
7.3
MLC1300V137KB8580
140
85
87
24
3
9
4.8
75
7.0
MLC1300V147KB8587
88.5
80
26
3
9
4.0
65
7.2
MLC1300V147KB88580
150
100
70
32
4
12
2.7
60
6.9
MLC1300V157KB10070
160
85
95
24
3
9
5.4
80
6.3
MLC1300V167KB8595
88.5
87
26
3
9
4.3
75
6.7
MLC1300V167KB88587
170
100
75
32
4
12
2.9
65
6.5
MLC1300V177KB10075
180
88.5
95
26
3
9
4.8
80
6.0
MLC1300V187KB88595
100
80
31
4
12
3.3
65
6.2
MLC1300V187KB10080
190
85
106
24
3
9
6.0
90
5.6
MLC1300V197KB85106
200
88.5
106
25
3
9
5.7
90
5.5
MLC1300V207KB885106
210
85
125
47
6
18
1.9
40
4.7
MLC1300V217KB85125
100
87
31
4
12
3.5
75
5.8
MLC1300V217KB10087
116
70
39
6
18
2.1
60
5.9
MLC1300V217KB11670
220
85
120
23
3
9
7.0
100
5.2
MLC1300V227KB85120
230
85
135
47
6
18
2.0
40
4.3
MLC1300V237KB85135
88.5
125
50
7
21
1.7
40
4.6
MLC1300V237KB885125
116
75
39
6
18
2.3
65
5.5
MLC1300V237KB11675
240
88.5
120
25
3
9
6.5
100
4.8
MLC1300V247KB885120
100
95
31
4
12
3.8
80
5.2
MLC1300V247KB10095
250
88.5
135
49
7
21
1.9
40
4.3
MLC1300V257KB885135
260
85
145
47
6
18
2.2
45
4.0
MLC1300V267KB85145
116
80
39
6
18
2.5
65
5.2
MLC1300V267KB11680
270
100
106
30
4
12
4.4
90
4.8
MLC1300V277KB100106
280
88.5
145
49
7
21
2.0
45
4.1
MLC1300V287KB885145
290
85
159
46
6
18
2.4
50
3.8
MLC1300V297KB85159
116
87
38
6
18
2.7
75
4.9
MLC1300V297KB11687
300
100
125
59
9
27
1.4
40
3.9
MLC1300V307KB100125
310
140
70
42
9
27
1.7
60
6.5
MLC1300V317KB14070
320
88.5
159
49
7
21
2.2
50
3.7
MLC1300V327KB885159
100
120
30
4
12
5.1
100
4.2
MLC1300V327KB100120
330
85
175
46
6
18
2.7
55
3.4
MLC1300V337KB85175
100
135
59
9
27
1.5
40
3.6
MLC1300V337KB100135
116
95
38
6
18
3.0
80
4.5
MLC1300V337KB11695
350
140
75
43
9
27
1.7
65
6.2
MLC1300V357KB14075
360
88.5
175
49
7
21
2.5
55
3.3
MLC1300V367KB885175
370
100
145
59
9
27
1.7
45
3.3
MLC1300V377KB100145
380
85
197
46
6
18
3.1
60
3.0
MLC1300V387KB85197
116
106
38
6
18
3.4
90
3.9
MLC1300V387KB116106
140
80
42
9
27
1.9
65
5.8
MLC1300V387KB14080
410
88.5
197
48
7
21
2.9
60
2.9
MLC1300V417KB885197
420
100
159
59
9
27
1.8
50
3.1
MLC1300V427KB100159
116
125
70
12
36
1.1
40
3.5
MLC1300V427KB116125
430
140
87
42
9
27
2.1
75
5.3
MLC1300V437KB14087
450
85
225
45
6
18
3.5
70
2.7
MLC1300V457KB85225
116
120
37
6
18
3.9
100
3.6
MLC1300V457KB116120
460
116
135
70
12
36
1.2
40
3.3
MLC1300V467KB116135
470
100
175
57
9
27
2.0
55
2.9
MLC1300V477KB100175
480
88.5
225
47
7
21
3.3
70
2.7
MLC1300V487KB885225
490
140
95
41
9
27
2.3
80
5.1
MLC1300V497KB14095
520
116
145
70
12
36
1.3
45
3.0
MLC1300V527KB116145
550
100
197
57
9
27
2.3
60
2.6
MLC1300V557KB100197
140
106
40
9
27
2.6
90
4.7
MLC1300V557KB140106
580
116
159
70
12
36
1.4
50
2.8
MLC1300V587KB116159
630
140
125
75
18
54
0.9
40
3.9
MLC1300V637KB140125
650
100
225
57
9
27
2.6
70
2.3
MLC1300V657KB100225
140
120
40
9
27
3.0
100
4.1
MLC1300V657KB140120
660
116
175
69
12
36
1.6
55
2.6
MLC1300V667KB116175
700
140
135
75
18
54
0.9
40
3.9
MLC1300V707KB140135
760
116
197
69
12
36
1.8
60
2.3
MLC1300V767KB116197
770
140
145
74
18
54
1.0
45
3.6
MLC1300V777KB140145
870
140
159
74
18
54
1.1
50
3.3
MLC1300V877KB140159
900
116
225
69
13
39
2.1
70
2.0
MLC1300V907KB116225
990
140
175
74
18
54
1.2
55
3.0
MLC1300V997KB140175
1,100
140
197
73
18
54
1.4
60
2.6
MLC1300V118KB140197
1,300
140
225
72
18
54
1.6
70
2.4
MLC1300V138KB140225
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I2×ESR×Rth
Standard Products Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com