Electronic Components Datasheet Search
  English  ▼

X  

MMC2001 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MMC2001
Description  32-bit load/store RISC architecture
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMC2001 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MMC2001 Datasheet HTML 17Page - NXP Semiconductors MMC2001 Datasheet HTML 18Page - NXP Semiconductors MMC2001 Datasheet HTML 19Page - NXP Semiconductors MMC2001 Datasheet HTML 20Page - NXP Semiconductors MMC2001 Datasheet HTML 21Page - NXP Semiconductors MMC2001 Datasheet HTML 22Page - NXP Semiconductors MMC2001 Datasheet HTML 23Page - NXP Semiconductors MMC2001 Datasheet HTML 24Page - NXP Semiconductors MMC2001 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 259 page
background image
MOTOROLA
INTRODUCTION
MMC2001
1-2
REFERENCE MANUAL
— Designed for master/slave SPI operation
— Interval-mode SPI operation
• OnCE™ Debug Module
As a low-voltage part, the MMC2001 operates at voltages between 2.0 and 3.3 volts.
It is particularly suited for use in battery-powered applications.
The internal logic and external I/O buffers are provided with independent power sup-
ply connections to allow 3.3-V I/O levels while operating internal logic at 2.0 V for
lower power consumption.
Figure 1-1 MMC2001 Block Diagram
M•CORE
32-Bit
32-Kbyte SRAM
20-Bit Address Bus
16-Bit Data Bus
Control
CLK
Watchdog
TOD
Reset
ISPI
OSC
256-Kbyte ROM
Periodic
Interval
OnCE
PWM x 6
UART x 2
Timer
GEN
Interrupt
RISC CPU
Peripheral
Interface Gasket
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com