| Electronic Components Datasheet Search |
|
MMC2001 Datasheet(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMC2001 Datasheet(HTML) 80 Page - NXP Semiconductors |
|
80 / 259 page ![]() MMC2001 CLOCK MODULE AND LOW-POWER MODES MOTOROLA REFERENCE MANUAL 8-7 Power may or may not be available to peripherals (except for the TOD and OSC) and CPU while in standby mode, depending on the level of VDD. The purpose of this mode is to enable the SRAM and TOD to remain valid while the state of the other on-chip components is undefined. *Dependent on programming 8.2.3 General Low-Power Features 8.2.3.1 Peripheral Shut Down Each peripheral may be disabled by software in order to cease internal clock genera- tion and remain in a static state. Each peripheral has its own specific disabling sequence (refer to each peripheral description for further details). 8.2.3.2 CLKOUT Pin Shut Down This output pin may be disabled in the low state to lower power consumption via the CLKOUT enable (CKOE) bit in the reset/timer block. Table 8-2 CPU Core and Peripherals in Low-Power Modes Module Peripheral Clock Status during Mode/Wake-up Capability Run Wait Doze Stop Standby CPU Core Running Stopped Stopped Stopped Stopped UART Running Running/Yes Prog.*/Yes Stopped/No Stopped/No ISPI Running Running/Yes Prog.*/Yes Stopped/No Stopped/No Interrupt Controller Running Stopped/Yes Stopped/Yes Stopped/Yes Stopped/No EIM Running Stopped/No Stopped/No Stopped/No Stopped/No PWMs Running Running/Yes Prog.*/Yes Stopped/No Stopped/No Watchdog Timer Running Running/Yes Prog.*/Yes Prog.*/Yes Stopped/No Interval Timer (PIT) Running Running/Yes Prog.*/Yes Prog.*/Yes Stopped/No Time-of-Day Timer (TOD) Running Running/Yes Running/Yes Running/Yes Running/No GPIO/Keypad Running Running/Yes Running/Yes Stopped/Yes Stopped/No OnCE Running Running/Yes Running/Yes Running/Yes Stopped/No Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |