Electronic Components Datasheet Search
  English  ▼

X  

MMC2001 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MMC2001
Description  32-bit load/store RISC architecture
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMC2001 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MMC2001 Datasheet HTML 28Page - NXP Semiconductors MMC2001 Datasheet HTML 29Page - NXP Semiconductors MMC2001 Datasheet HTML 30Page - NXP Semiconductors MMC2001 Datasheet HTML 31Page - NXP Semiconductors MMC2001 Datasheet HTML 32Page - NXP Semiconductors MMC2001 Datasheet HTML 33Page - NXP Semiconductors MMC2001 Datasheet HTML 34Page - NXP Semiconductors MMC2001 Datasheet HTML 35Page - NXP Semiconductors MMC2001 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 259 page
background image
MMC2001
INTEGER CPU
MOTOROLA
REFERENCE MANUAL
2-11
2.8.4 Bus Operation
The following sections provide a functional description of the system bus, the signals
that control it, and the bus cycles provided for data transfer operations. They also
describe the error conditions and reset operation.
Table 2-2 M•CORE Bus Signals
Signal Name
Pins
Active
I/O
Description
Address and Transfer Attributes
ADDR[31:0]
Address Bus
32
High
O
Driven by the M•CORE to specify the physical address of
the bus transaction.
R/W
Read/Write
1High
O
Driven by the M•CORE along with the address. Driven
high indicates that a read access is in progress. Driven
low indicates that a write access is in progress.
TSIZ[1:0]
Transfer Size
2High
O
Driven by the M•CORE along with the address. Specifies
the data transfer size for the transaction.
TC[2:0]
Transfer Code
3High
O
Driven by the M•CORE along with the address. Indicates
the type of access for the current bus cycle.
Transfer Request/Transfer Busy
TREQ
Transfer Request
1Low
O
Driven by the M•CORE along with the address and trans-
fer attributes to indicate that a new access has been
requested.
TBUSY
Transfer Busy
1Low
O
Driven by the M•CORE to indicate that an access is in
progress. This signal is driven for the duration of a cycle
and may be held asserted for multiple transfers.
Data
DATA[31:0]
Data Bus
32
High
O
Driven by the M•CORE when it “owns” the bus and it initi-
ated a write transaction to a slave device. Eight (byte), 16
(halfword), or 32 (word) bits of data can be transferred
per access.
I
Driven by the slave in a read transaction. Eight (byte), 16
(halfword), or 32 (word) bits of data can be transferred
per access.
Transfer Cycle Termination and Status
TA
Transfer Acknowledge
1Low
I
Driven by the slave device to which the current transac-
tion was addressed. Indicates that the slave has received
the data on the write cycle or returned data on the read
cycle.
TEA
Transfer Error
Acknowledge
1Low
I
Driven by the slave device to which the current transac-
tion was addressed. Indicates that an error condition has
occurred during the bus cycle.
ABORT
Abort
1Low
O
Driven by the M•CORE to indicate that the transfer is to
be aborted immediately.
Power Management
LPMD[1:0]
Low-Power Modes
2Low
O
Driven by the M•CORE to indicate whether the core is
running in normal mode or has just executed a low power
mode instruction.
Debug
DBGACK
Debug Mode
1Low
O
Driven by the M•CORE to indicate that debug mode has
been entered.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com