Electronic Components Datasheet Search
  English  ▼

X  

MMC2001 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MMC2001
Description  32-bit load/store RISC architecture
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMC2001 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MMC2001 Datasheet HTML 35Page - NXP Semiconductors MMC2001 Datasheet HTML 36Page - NXP Semiconductors MMC2001 Datasheet HTML 37Page - NXP Semiconductors MMC2001 Datasheet HTML 38Page - NXP Semiconductors MMC2001 Datasheet HTML 39Page - NXP Semiconductors MMC2001 Datasheet HTML 40Page - NXP Semiconductors MMC2001 Datasheet HTML 41Page - NXP Semiconductors MMC2001 Datasheet HTML 42Page - NXP Semiconductors MMC2001 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 259 page
background image
MOTOROLA
SIGNAL DESCRIPTIONS
MMC2001
4-2
REFERENCE MANUAL
4.2 Signal Index
Table 4-1 Pin Requirements in 144-Pin Package
Name
Alt
Qty Dir
Pull-Up1
Reset2
Use
External Bus
ADDR[19:0]
—
20
O
—
OL
Address bus
DATA[15:0]
—
16
I/O
Keeper
I
Data bus
R/W
—
1
O
—
H
Read/write enable
EB0
—
1
O
—
H
Enable data bus byte 0 (DATA[15:8])
EB1
—
1
O
—
H
Enable data bus byte 1 (DATA[7:0])
OE
—
1
O
—
H
Output enable
Chip Selects
CS0
—
1
O
—
CS0
Chip select for external Flash
CS1
GPO
1
O
—
GPOH
Chip select for external RAM
CS2
GPO
1
O
—
GPOH
Chip select (spare)
CS3
GPO
1
O
—
GPOL
Chip select for external LCD
Clock, Reset, and Miscellaneous
CLKIN
—
1
I
—
—
Programmable clock input
CLKOUT
—
1
O
—
OL
Programmable clock output
XOSC
—
1
O
—
—
32.768-kHz XTAL output
EXOSC
—
1
I
—
—
32.768-kHz XTAL input
MOD
—
1
I
—
—
Boot ROM control
RSTOUT
—
1
O
—
—
Resets external components
RSTIN
—
1
I—
—
Initiates system reset
LVRSTIN
—
1
I—
—
Low voltage supply switching control
Debug and Test Port Control
TMS
—
1
I
47-K pull-up
—
Test mode select
TDI
—
1
I
47-K pull-up
—
Test data input
TDO
—
1
O
—
—
Test data output
TCK
—
1
I
47-K pull-up
—
Test clock input
TRST
—
1
I
47-K pull-up
—
Initiates test controller reset
DE
—
1
I/O
47-K pull-up
—
Initiates or acknowledges debug mode entry
TEST
—
1
I
100-K pulldown
—
Factory test mode
Keypad and Edge Port
COL[7:0]
GPIO
8
I/O
—
GPI
Column 7 – 0
ROW[7:0]
GPIO
8
I/O
47-K pull-up
GPI
Row 7 – 0
INT[7:0]
GPIO
8
I/O
—
GPI
External interrupts 7 – 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com