Electronic Components Datasheet Search
  English  ▼

X  

TMPA208DS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMPA208DS
Description  2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA208DS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMPA208DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Tai-1 Microelectronics
Preliminary
TMPA208DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.1.0
June 27, 2006
Copyright
©2005,Tai-1 Microelectronics Corp.
3
Typical Application
S1
switch
C1
1uF
C3
1uF
C4
1uF
C10
1uF
C8
1uF
C7
1uF
R1
10k
R2
50k
C5
1uF
LIN+
SDN
VOLUME
AVDD
J1
PHONEJACK STEREO
VDD
C9
1uF
RIN+
VDD
R3
100
VDD
R5
100
R4
100
L3
33u
C12
1uF
L4
33u
C13
1uF
ROUT+
ROUT-
L1
33u
C11
1uF
L2
33u
C14
1uF
LOUT+
LOUT-
R12
33k
R6
5k
R7
5k
C15
1nF
R8
5k
R9
5k
C16
1nF
R10
0k
1
20
2
19
3
18
4
17
5
16
6
15
7
8
LINN
LINP
PGNDL
PVDDL
LOUTP
SDNB
LOUTN
PVDDL
RINN
RINP
BYPASS
PVDDR
ROUTP
PGNDR
AGND
NC
9
10
14
13
ROUTN
PVDDR
VOLUME
AVDD
11
12
J2
TMPA208DS
C6
470uF
+ C2
470uF
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO
I/O
DESCRIPTION
AGND
10
-
Analog ground
BYPASS
18
O
Bypass
LINN
1
I
Negative differential input for left channel
LINP
2
I
Positive differential input for left channel
LOUTN
7
O
Negative output for left channel
LOUTP
5
O
Positive output for left channel
NC
9
-
No connection
PGNDL
6
-
Ground for left channel H-bridge
PGNDR
15
-
Ground for right channel H-bridge
PVDDL
4,8
-
Power supply for left channel H-bridge
PVDDR
13,17
-
Power supply for right channel H-bridge
RINN
20
I
Negative differential input for right channel
RINP
19
I
Positive differential input for right channel
ROUTN
14
O
Negative output for right channel
ROUTP
16
O
Positive output for right channel
SDNB
3
I
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal;
normal operation if a TTL logic high is placed on this terminal
AVDD
11
-
Analog power supply
VOLUME
12
I
DC Volume control
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com