Electronic Components Datasheet Search
  English  ▼

X  

TMPA208DS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TMPA208DS
Description  2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA208DS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TMPA208DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Tai-1 Microelectronics
Preliminary
TMPA208DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.1.0
June 27, 2006
Copyright
©2005,Tai-1 Microelectronics Corp.
5
OPERATING CHARACTERISTICS
TA=25。C, VDD=PVDD=5V, RL=8Ω speaker, Gain=18dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f=1kHz, RL=3
Ω, stereo operation
2.5
W
f=1kHz, RL=4
Ω, stereo operation
2
W
PO
Output power per channel
(Limited by thermal condition)
f=1kHz, RL=8
Ω, stereo operation
1.25
W
THD+N
Total harmonic distortion plus noise
RL =8
Ω, PO=1.2W, f=1kHz
0.4%
Thermal trip point
150
C
。
Thermal hysteresis
20
C
。
Vn
Integrated noise floor
20 Hz to 20 kHz, inputs ac grounded
85
µVrms
SNR
Signal-to-noise ratio
VDD=AVDD=5V, PO=1W, RL=8Ω
95
dB
Crosstalk
Crosstalk between outputs
VDD=AVDD=5V, PO=1W RL=8Ω
-68
dB
VOLTAGE RANGE OF
“VOLUME” AT DIFFERENT VDD
VDD
MAX
MIN
5V
2.8V
0V
3.6V
1.9V
0V
3V
1.3V
0V
VOLTAGE GAIN AT TA=25。C, RL=8Ω
VDD=PVDD=5V
VOLTAGE GAIN
VOLTAGE of VOLUME
5V
18dB/-27dB
2.8V/0V
3.6V
18dB/-27dB
1.9V/0V
3V
16dB/-27dB
1.4V/0V
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com