Electronic Components Datasheet Search
  English  ▼

X  

TMPA208DS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMPA208DS
Description  2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA208DS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMPA208DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Tai-1 Microelectronics
Preliminary
TMPA208DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.1.0
June 27, 2006
Copyright
©2005,Tai-1 Microelectronics Corp.
1
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
GENERAL DESCRIPTION
The TMPA208DS is a stereo class-D audio power
amplifier with volume control. It delivers up to
2.5W/ch(5W in all) into a 3 ohm load or 2W/ch(4W
in all) into a 4 ohm load or 1.25W/ch(2.5W in all)
into an 8 ohm load.
With
differential
input
structure,
TMPA208DS
features high Common Mode Rejection Ratio and
Power Supply Rejection Ratio.
Analog input signal is converted into digital
output which drives directly to the speaker. High
power efficiency is achieved due to digital output
at the load. The audio information is embedded in
PWM(Pulse Width Modulation).
DC
volume
control
is
convenient
for
LCD
projectors, LCD monitors, powered speakers, and
other consumer products especially when using
remote control.
APPLICATIONS
Multimedia application includes Cellular Phones,
PDAs, DVD/CD players, TFT LCD TVs/Monitors,
LCD Projectors, 2.1 channel audio systems,
Powered Speakers, USB audio. It is also ideal for
other portable devices like Wireless Radios.
FEATURES
♦2.5V to 6V Single Supply
♦Up to 5Wrms Max. Power or 2.5Wrms/ch.
♦Up to 86% Power Efficiency
♦3mA /Ch Quiescent Current
♦Less Than 0.2uA /Ch Shutdown Current
♦Pop-less Power-Up, Shutdown and Recovery
♦Differential 230 KHz PWM Allows Bridge-Tied Load to
Increase Output Power
♦DC Volume Control
♦BTL Output Requires No Output Capacitors
♦Thermal Shutoff and Automatic Recovery
♦Output Pin Short-Circuit Protection (Short to Other
Outputs, Short to VCC, Short to Ground)
♦Compatible with earphone application
♦Differential Signal Processing Improves CMRR &
Eliminates Power Regulation
♦Package:TSSOP20 Available
For best performance, please refer to
http://www.taimec.com.tw/English/EVM.htm
http://www.class-d.com.tw/English/EVM.htm
for PCB layout.
Tai-1 Microelectronics Corp. reserves the right to make changes to its products and services and to
discontinue any product or service without notice. Customers should obtain the latest relevant information for
reference. Testing and quality control techniques are used to screen the parameters. Testing of all
parameters of each product is not necessarily performed.
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - TMPA208DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TMPA208DS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2075B EUTECH-EUA2075B Datasheet
582Kb / 1P
2.5W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com